Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL32495EIUZ Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL32495EIUZ
Description  짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32495EIUZ Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL32495EIUZ Datasheet HTML 1Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 2Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 3Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 4Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 5Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 6Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 7Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 8Page - Intersil Corporation ISL32495EIUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ISL32490E, ISL32492E, ISL32493E, ISL32495E, ISL32496E, ISL32498E
2
FN7786.2
March 16, 2012
TABLE 1. SUMMARY OF FEATURES
PART NUMBER
HALF/FULL
DUPLEX
DATA RATE
(Mbps)
SLEW-RATE
LIMITED?
EN PINS?
HOT
PLUG?
QUIESCENT ICC
(mA)
LOW POWER
SHDN?
PIN
COUNT
ISL32490E
Full
0.25
Yes
Yes
Yes
2.3
Yes
10, 14
ISL32492E
Half
0.25
Yes
Yes
Yes
2.3
Yes
8
ISL32493E
Full
1
Yes
Yes
Yes
2.3
Yes
10, 14
ISL32495E
Half
1
Yes
Yes
Yes
2.3
Yes
8
ISL32496E
Full
15
No
Yes
Yes
2.3
Yes
10, 14
ISL32498E
Half
15
No
Yes
Yes
2.3
Yes
8
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL32490EIBZ
ISL32490 EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL32490EIUZ
2490E
-40 to +85
10 Ld MSOP
M10.118
ISL32492EIBZ
32492 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL32492EIUZ
2492E
-40 to +85
8 Ld MSOP
M8.118
ISL32493EIBZ
ISL32493 EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL32493EIUZ
2493E
-40 to +85
10 Ld MSOP
M10.118
ISL32495EIBZ
32495 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL32495EIUZ
2495E
-40 to +85
8 Ld MSOP
M8.118
ISL32496EIBZ
ISL32496 EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL32496EIUZ
2496E
-40 to +85
10 Ld MSOP
M10.118
ISL32498EIBZ
32498 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL32498EIUZ
2498E
-40 to +85
8 Ld MSOP
M8.118
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information pages for ISL32490E, ISL32492E, ISL32493E, ISL32495E, ISL32496E, ISL32498E.
For more information on MSL please see techbrief TB363.


Numéro de pièce similaire - ISL32495EIUZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL32495EIUZ INTERSIL-ISL32495EIUZ Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Renesas Technology Corp
ISL32495EIUZ RENESAS-ISL32495EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results

Description similaire - ISL32495EIUZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com