Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL32490EIUZ Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL32490EIUZ
Description  짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32490EIUZ Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL32490EIUZ Datasheet HTML 2Page - Intersil Corporation ISL32490EIUZ Datasheet HTML 3Page - Intersil Corporation ISL32490EIUZ Datasheet HTML 4Page - Intersil Corporation ISL32490EIUZ Datasheet HTML 5Page - Intersil Corporation ISL32490EIUZ Datasheet HTML 6Page - Intersil Corporation ISL32490EIUZ Datasheet HTML 7Page - Intersil Corporation ISL32490EIUZ Datasheet HTML 8Page - Intersil Corporation ISL32490EIUZ Datasheet HTML 9Page - Intersil Corporation ISL32490EIUZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ISL32490E, ISL32492E, ISL32493E, ISL32495E, ISL32496E, ISL32498E
6
FN7786.2
March 16, 2012
VIL
Logic Input Low Voltage
DE, DI, RE
Full
-
-
0.8
V
IIN1
Logic Input Current
DI
Full
-1
-
1
µA
DE, RE
Full
-15
6
15
µA
IIN2
Input/Output Current (A/Y,
B/Z)
DE = 0V,
VCC = 0V or 5.5V
VIN = 12V
Full
-
110
250
µA
VIN = -7V
Full
-200
-75
-
µA
VIN = ±25V
Full
-800
±240
800
µA
VIN = ±60V (Note 16)
Full
-6
±0.5
6
mA
IIN3
Input Current (A, B)
(Full Duplex Versions Only)
VCC = 0V or 5.5V VIN = 12V
Full
-
90
125
µA
VIN = -7V
Full
-100
-70
-
µA
VIN = ±25V
Full
-500
±200
500
µA
VIN = ±60V (Note 16)
Full
-3
±0.4
3
mA
IOZD
Output Leakage Current (Y, Z)
(Full Duplex Versions Only)
RE = 0V,
DE = 0V,
VCC = 0V or 5.5V
VIN = 12V
Full
-
20
200
µA
VIN = -7V
Full
-100
-5
-
µA
VIN = ±25V
Full
-500
±40
500
µA
VIN = ±60V (Note 16)
Full
-3
±0.1
3
mA
VTH
Receiver Differential
Threshold Voltage
-25V ≤ VCM ≤ 25V
Full
-200
-100
-10
mV
ΔVTH
Receiver Input Hysteresis
-25V ≤ VCM ≤ 25V
25
-
25
-
mV
VOH
Receiver Output High Voltage IO = -2mA, VID = -10mV
Full
VCC - 0.5
4.75
-
V
IO = -8mA, VID = -10mV
Full
2.8
4.2
-
V
VOL
Receiver Output Low Voltage
IO = 6mA, VID = -200mV
Full
-
0.27
0.4
V
IOL
Receiver Output Low Current
VO = 1V, VID = -200mV
Full
15
22
-
mA
IOZR
Three-State (High Impedance)
Receiver Output Current
0V ≤ VO ≤ VCC
Full
-1
0.01
1
µA
IOSR
Receiver Short-Circuit Current 0V ≤ VO ≤ VCC
Full
±12
-
±110
mA
SUPPLY CURRENT
ICC
No-Load Supply Current
(Note 7)
DE = VCC, RE =0V or VCC, DI = 0V or VCC
Full
-
2.3
4.5
mA
ISHDN
Shutdown Supply Current
DE = 0V, RE = VCC, DI = 0V or VCC
Full
-
10
50
µA
ESD PERFORMANCE
RS-485 Pins (A, Y, B, Z, A/Y,
B/Z)
Human Body
Model, From Bus
Pins to GND
1/2 Duplex
25
-
±16.5
-
kV
Full Duplex
25
-
±15
-
kV
All Pins
Human Body Model, per JEDEC
25
-
±8
-
kV
Machine Model
25
-
±700
-
V
DRIVER SWITCHING CHARACTERISTICS (250kbps Versions; ISL32490E, ISL32492E)
tPLH, tPHL Driver Differential Output
Delay
RD = 54Ω,
CD = 50pF
(Figure 4)
No CM Load
Full
-
320
450
ns
-25V ≤ VCM ≤ 25V
Full
-
-
1000
ns
tSKEW
Driver Differential Output
Skew
RD = 54Ω,
CD = 50pF
(Figure 4)
No CM Load
Full
-
6
30
ns
-25V ≤ VCM ≤ 25V
Full
-
-
50
ns
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = +25°C (Note 6).
Boldface limits apply over the operating temperature range, -40°C to +85°C.
(Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 14)
TYP
MAX
(Note 14)
UNITS


Numéro de pièce similaire - ISL32490EIUZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL32490EIUZ RENESAS-ISL32490EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results

Description similaire - ISL32490EIUZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com