Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL32496EIUZ Fiches technique(PDF) 11 Page - Intersil Corporation

No de pièce ISL32496EIUZ
Description  짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32496EIUZ Fiches technique(HTML) 11 Page - Intersil Corporation

Back Button ISL32496EIUZ Datasheet HTML 7Page - Intersil Corporation ISL32496EIUZ Datasheet HTML 8Page - Intersil Corporation ISL32496EIUZ Datasheet HTML 9Page - Intersil Corporation ISL32496EIUZ Datasheet HTML 10Page - Intersil Corporation ISL32496EIUZ Datasheet HTML 11Page - Intersil Corporation ISL32496EIUZ Datasheet HTML 12Page - Intersil Corporation ISL32496EIUZ Datasheet HTML 13Page - Intersil Corporation ISL32496EIUZ Datasheet HTML 14Page - Intersil Corporation ISL32496EIUZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
ISL32490E, ISL32492E, ISL32493E, ISL32495E, ISL32496E, ISL32498E
11
FN7786.2
March 16, 2012
Application Information
RS-485 and RS-422 are differential (balanced) data
transmission standards used for long haul or noisy environments.
RS-422 is a subset of RS-485, so RS-485 transceivers are also
RS-422 compliant. RS-422 is a point-to-multipoint (multidrop)
standard, which allows only one driver and up to 10 (assuming
one-unit load devices) receivers on each bus. RS-485 is a true
multipoint standard, which allows up to 32 one-unit load devices
(any combination of drivers and receivers) on each bus. To allow
for multipoint operation, the RS-485 specification requires that
drivers must handle bus contention without sustaining any
damage.
Another important advantage of RS-485 is the extended
common mode range (CMR), which specifies that the driver
outputs and receiver inputs withstand signals that range from
+12V to -7V. RS-422 and RS-485 are intended for runs as long as
4000 feet; thus, the wide CMR is necessary to handle ground
potential differences, as well as voltages induced in the cable by
external fields.
The ISL3249xE is a family of ruggedized RS-485 transceivers
that improves on the RS-485 basic requirements and thereby
FIGURE 6A. TEST CIRCUIT
FIGURE 6B. MEASUREMENT POINTS
FIGURE 6. DRIVER DATA RATE
FIGURE 7A. TEST CIRCUIT
FIGURE 7B. MEASUREMENT POINTS
FIGURE 7. RECEIVER PROPAGATION DELAY AND DATA RATE
FIGURE 8A. TEST CIRCUIT
FIGURE 8B. MEASUREMENT POINTS
FIGURE 8. RECEIVER ENABLE AND DISABLE TIMES
Test Circuits and Waveforms (Continued)
D
DE
DI
VCC
SIGNAL
GENERATOR
Z
Y
CD
VOD
+
-
54Ω
3V
0V
DIFF OUT (Y - Z)
+VOD
-VOD
DI
0V
SIGNAL
GENERATOR
R
RO
RE
A
B
15pF
SIGNAL
GENERATOR
VCM
RO
VCM + 750mV
VCM - 750mV
tPLH
VCM
VCM
VCC
0V
50%
50%
tPHL
A
B
1kΩ
VCC
GND
SW
PARAMETER
DE
A
SW
tHZ
0
+1.5V
GND
tLZ
0
-1.5V
VCC
tZH (Note 10)
0
+1.5V
GND
tZL (Note 10)
0
-1.5V
VCC
tZH(SHDN) (Note 13)
0
+1.5V
GND
tZL(SHDN) (Note 13)
0
-1.5V
VCC
SIGNAL
GENERATOR
R
RO
RE
A
B
15pF
RO
3V
0V
1.5V
1.5V
VOH
0V
1.5V
VOH - 0.5V
tHZ
RO
VCC
VOL
1.5V
VOL + 0.5V
tLZ
RE
OUTPUT LOW
tZL, tZL(SHDN)
tZH, tZH(SHDN)
(Note 11)
(Note 11)
(Note 11)
OUTPUT HIGH


Numéro de pièce similaire - ISL32496EIUZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL32496EIUZ RENESAS-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results

Description similaire - ISL32496EIUZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com