Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM213ARS-REEL Fiches technique(PDF) 2 Page - Analog Devices

No de pièce ADM213ARS-REEL
Description  0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM213ARS-REEL Fiches technique(HTML) 2 Page - Analog Devices

  ADM213ARS-REEL Datasheet HTML 1Page - Analog Devices ADM213ARS-REEL Datasheet HTML 2Page - Analog Devices ADM213ARS-REEL Datasheet HTML 3Page - Analog Devices ADM213ARS-REEL Datasheet HTML 4Page - Analog Devices ADM213ARS-REEL Datasheet HTML 5Page - Analog Devices ADM213ARS-REEL Datasheet HTML 6Page - Analog Devices ADM213ARS-REEL Datasheet HTML 7Page - Analog Devices ADM213ARS-REEL Datasheet HTML 8Page - Analog Devices ADM213ARS-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADM206–ADM211/ADM213
Rev. C | Page 2 of 16
TABLE OF CONTENTS
Specifications .................................................................................... 3
Absolute Maximum Ratings ........................................................... 4
ESD Caution.................................................................................. 4
Pin Configurations and Functional Descriptions........................ 5
Typical Performance Characteristics............................................. 9
General Information ...................................................................... 11
Circuit Description .................................................................... 11
Application Hints....................................................................... 12
Outline Dimensions....................................................................... 13
Ordering Guide .......................................................................... 15
REVISION HISTORY
1/05—Data Sheet Changed from Rev. B to Rev. C
Changes to Specifications...............................................................3
Change to Receivers section.........................................................11
Change to Driving Long Cables section.....................................12
Updated Outline Dimensions......................................................13
Changes to Ordering Guide.........................................................15
6/02—Data Sheet Changed from Rev. A to Rev. B
Removed all references to ADM205 ..............................Universal
3/02—Data Sheet Changed from Rev. 0 to Rev. A
Changes to numbers in Min/Typ/Max column of
Specifications page ..........................................................................2
Updated Figures...........................................................................8, 9
Revision 0: Initial Version


Numéro de pièce similaire - ADM213ARS-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM213ARS-REEL AD-ADM213ARS-REEL Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
ADM213ARS-REEL AD-ADM213ARS-REEL Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
More results

Description similaire - ADM213ARS-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM205 AD-ADM205 Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM232LJRZ AD-ADM232LJRZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM223 AD-ADM223 Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com