Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NC7SV14 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce NC7SV14
Description  TinyLogic ULP-A Inverter with Schmitt Trigger Input
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SV14 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  NC7SV14 Datasheet HTML 1Page - Fairchild Semiconductor NC7SV14 Datasheet HTML 2Page - Fairchild Semiconductor NC7SV14 Datasheet HTML 3Page - Fairchild Semiconductor NC7SV14 Datasheet HTML 4Page - Fairchild Semiconductor NC7SV14 Datasheet HTML 5Page - Fairchild Semiconductor NC7SV14 Datasheet HTML 6Page - Fairchild Semiconductor NC7SV14 Datasheet HTML 7Page - Fairchild Semiconductor NC7SV14 Datasheet HTML 8Page - Fairchild Semiconductor NC7SV14 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2003 Fairchild Semiconductor Corporation
DS500607
www.fairchildsemi.com
June 2001
Revised May 2003
NC7SV14
TinyLogic
 ULP-A Inverter with Schmitt Trigger Input
General Description
The NC7SV14 is a single inverter with Schmitt trigger from
Fairchild’s
Ultra
Low
Power-A
(ULP-A)
Series
of
TinyLogic
. ULP-A is ideal for applications that require
extreme high speed, high drive and low power. This prod-
uct is designed for a wide low voltage operating range
(0.9V to 3.6V VCC) and applications that require more drive
and speed than the TinyLogic ULP series, but still offer
best in class low power operation.
The NC7SV14 is uniquely designed for optimized power
and speed, and is fabricated with an advanced CMOS
technology to achieve high-speed operation while main-
taining low CMOS power dissipation.
Features
s 0.9V to 3.6V VCC supply operation
s 3.6V overvoltage tolerant I/O’s at VCC from 0.9V to 3.6V
s Extremely High Speed tPD
1.5 ns typ for 2.7V to 3.6V VCC
1.8 ns typ for 2.3V to 2.7V VCC
2.0 ns typ for 1.65V to 1.95V VCC
3.2 ns typ for 1.4V to 1.6V VCC
5.9 ns typ for 1.1V to 1.3V VCC
12.0 ns typ for 0.9V VCC
s Power-Off high impedance inputs and outputs
s High Static Drive (IOH/IOL)
±24 mA @ 3.00V V
CC
±18 mA @ 2.30V V
CC
±6 mA
@ 1.65V VCC
±4 mA
@ 1.4V VCC
±2 mA
@ 1.1V VCC
±0.1 mA @ 0.9V V
CC
s Uses patented Quiet Series
 noise/EMI reduction
circuitry
s Ultra small MicroPak
 leadfree package
s Ultra low dynamic power
Ordering Code:
Battery Life vs. VCC Supply Voltage
TinyLogic ULP and ULP-A with up to 50% less power consumption can
extend your battery life significantly.
Battery Life
= (V
battery *Ibattery*.9)/(Pdevice)/24hrs/day
Where, Pdevice = (ICC * VCC) + (CPD + CL) * VCC
2 * f
Assumes ideal 3.6V Lithium Ion battery with current rating of 900mAH and
derated 90% and device frequency at 10MHz, with CL = 15 pF load
TinyLogic
 is a registered trademark of Fairchild Semiconductor Corporation.
MicroPak
, and Quiet Series are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package
Product Code
Package Description
Supplied As
Number
Top Mark
NC7SV14P5X
MAA05A
V14
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide
3k Units on Tape and Reel
NC7SV14L6X
MAC06A
G4
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel


Numéro de pièce similaire - NC7SV14

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
NC7SV14 FAIRCHILD-NC7SV14 Datasheet
296Kb / 9P
   TinyLogic ULP-A Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7SV14 ONSEMI-NC7SV14 Datasheet
480Kb / 11P
   TinyLogic ULP-A Inverter with Schmitt Trigger Input
Revised March 2018
NC7SV14 ONSEMI-NC7SV14 Datasheet
336Kb / 10P
   TinyLogic ULP-A Inverter with Schmitt-Trigger Input
May, 2021 ??Rev. 4
logo
Fairchild Semiconductor
NC7SV14L6X FAIRCHILD-NC7SV14L6X Datasheet
296Kb / 9P
   TinyLogic ULP-A Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7SV14L6X ONSEMI-NC7SV14L6X Datasheet
480Kb / 11P
   TinyLogic ULP-A Inverter with Schmitt Trigger Input
Revised March 2018
More results

Description similaire - NC7SV14

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NC7SV14 ONSEMI-NC7SV14_V01 Datasheet
336Kb / 10P
   TinyLogic ULP-A Inverter with Schmitt-Trigger Input
May, 2021 ??Rev. 4
NC7SP14 ONSEMI-NC7SP14_V01 Datasheet
347Kb / 10P
   TinyLogic ULP-A Inverter with Schmitt-Trigger Input
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NC7SV14 FAIRCHILD-NC7SV14_04 Datasheet
296Kb / 9P
   TinyLogic ULP-A Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7SV14 ONSEMI-NC7SV14 Datasheet
480Kb / 11P
   TinyLogic ULP-A Inverter with Schmitt Trigger Input
Revised March 2018
logo
Fairchild Semiconductor
NC7SP14 FAIRCHILD-NC7SP14 Datasheet
306Kb / 9P
   TinyLogic ULP Inverter with Schmitt Trigger Input
NC7SP14 FAIRCHILD-NC7SP14_04 Datasheet
296Kb / 9P
   TinyLogic ULP Inverter with Schmitt Trigger Input
logo
ON Semiconductor
NC7SP14 ONSEMI-NC7SP14 Datasheet
390Kb / 11P
   TinyLogic ULP Inverter with Schmitt Trigger Input
Revised March 2004
NC7WV14 ONSEMI-NC7WV14_V01 Datasheet
176Kb / 10P
   TinyLogic ULP-A Dual Inverter with Schmitt-Trigger Input
September, 2021 -Rev. 2
NC7WP14 ONSEMI-NC7WP14_V01 Datasheet
173Kb / 9P
   TinyLogic ULP-A Dual Inverter with Schmitt-Trigger Input
September, 2021 - Rev. 2
logo
Fairchild Semiconductor
NC7WV14 FAIRCHILD-NC7WV14 Datasheet
182Kb / 9P
   TinyLogic ULP-A Dual Inverter with Schmitt Trigger Input
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com