Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8657ARMZ-RL Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD8657ARMZ-RL
Description  22 mu A, RRIO, CMOS,18 V Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8657ARMZ-RL Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD8657ARMZ-RL Datasheet HTML 3Page - Analog Devices AD8657ARMZ-RL Datasheet HTML 4Page - Analog Devices AD8657ARMZ-RL Datasheet HTML 5Page - Analog Devices AD8657ARMZ-RL Datasheet HTML 6Page - Analog Devices AD8657ARMZ-RL Datasheet HTML 7Page - Analog Devices AD8657ARMZ-RL Datasheet HTML 8Page - Analog Devices AD8657ARMZ-RL Datasheet HTML 9Page - Analog Devices AD8657ARMZ-RL Datasheet HTML 10Page - Analog Devices AD8657ARMZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD8657/AD8659
Rev. B | Page 7 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8657
TOP VIEW
(Not to Scale)
Figure 4. AD8657 Pin Configuration, 8-Lead MSOP
AD8657
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT THE EXPOSED PAD TO V– OR
LEAVE IT UNCONNECTED.
3
+IN A
4
V–
1
OUT A
2
–IN A
6 –IN B
5 +IN B
8 V+
7 OUT B
Figure 5. AD8657 Pin Configuration, 8-Lead LFCSP
Table 7. Pin Function Descriptions, AD8657
Pin No.1
Mnemonic
Description
8-Lead MSOP
8-Lead LFCSP
1
1
OUT A
Output Channel A.
2
2
−IN A
Negative Input Channel A.
3
3
+IN A
Positive Input Channel A.
4
4
V−
Negative Supply Voltage.
5
5
+IN B
Positive Input Channel B.
6
6
−IN B
Negative Input Channel B.
7
7
OUT B
Output Channel B.
8
8
V+
Positive Supply Voltage.
N/A
EP2
EPAD
Exposed Pad. For the AD8657 (8-lead LFCSP only), connect the exposed pad to V− or leave
it unconnected.
1 N/A means not applicable.
2 The exposed pad is not shown in the pin configuration diagram.


Numéro de pièce similaire - AD8657ARMZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8657ARMZ-RL AD-AD8657ARMZ-RL Datasheet
677Kb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. A
More results

Description similaire - AD8657ARMZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8546 AD-AD8546_12 Datasheet
696Kb / 24P
   22 關A, RRIO, CMOS, 18 V
REV. B
logo
Shenzhen Huazhimei Semi...
HM8521 HMSEMI-HM8521 Datasheet
1Mb / 12P
   3.4關A, 90kHz, RRIO CMOS Operational Amplifiers
logo
Analog Devices
ADA4666-2 AD-ADA4666-2 Datasheet
896Kb / 32P
   18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
REV. 0
logo
Shenzhen Huazhimei Semi...
HM8631 HMSEMI-HM8631 Datasheet
2Mb / 13P
   520關A, 6.5MHz, RRIO CMOS Operational Amplifiers
logo
Analog Devices
AD8657 AD-AD8657_11 Datasheet
677Kb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. A
AD8657 AD-AD8657 Datasheet
1Mb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. 0
logo
Guangdong Youtai Semico...
AD8541 UMW-AD8541 Datasheet
3Mb / 19P
   1.1MHz, 85μA, CMOS, RRIO Operational Amplifiers
AD8631 UMW-AD8631 Datasheet
1Mb / 15P
   480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
logo
Analog Devices
ADA4661-2 AD-ADA4661-2 Datasheet
904Kb / 32P
   18 V, Precision, 725 A, 4 MHz, CMOS RRIO Operational Amplifier
REV. 0
logo
Texas Instruments
TLV9062-Q1 TI1-TLV9062-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com