Moteur de recherche de fiches techniques de composants électroniques |
|
AD5444YRMZ Fiches technique(PDF) 7 Page - Analog Devices |
|
AD5444YRMZ Fiches technique(HTML) 7 Page - Analog Devices |
7 / 28 page Data Sheet AD5444/AD5446 Rev. E | Page 7 of 28 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS 10 9 8 7 6 1 2 3 4 5 IOUT1 IOUT2 GND SCLK SDIN RFB VREF VDD SDO AD5444/ AD5446 TOP VIEW (Not to Scale) SYNC Figure 5. Pin Configuration Table 4. Pin Function Descriptions Pin No. Mnemonic Description 1 IOUT1 DAC Current Output. 2 IOUT2 DAC Analog Ground. This pin should normally be tied to the analog ground of the system. 3 GND Ground Pin. 4 SCLK Serial Clock Input. By default, data is clocked into the input shift register on the falling edge of the serial clock input. Alternatively, by means of the serial control bits, the device can be configured such that data is clocked into the shift register on the rising edge of SCLK. 5 SDIN Serial Data Input. Data is clocked into the 16-bit input register on the active edge of the serial clock input. By default on power-up, data is clocked into the shift register on the falling edge of SCLK. The control bits allow the user to change the active edge to the rising edge. 6 SYNC Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC is taken low, data is loaded to the shift register on the active edge of the following clocks. The output updates on the rising edge of SYNC. 7 SDO Serial Data Output. This pin allows a number of parts to be daisy-chained. By default, data is clocked into the shift register on the falling edge and out via SDO on the rising edge of SCLK. Data is always clocked out on the alternate edge to data loaded to the shift register. 8 VDD Positive Power Supply Input. This part can be operated from a supply of 2.5 V to 5.5 V. 9 VREF DAC Reference Voltage Input. 10 RFB DAC Feedback Resistor. Establishes voltage output for the DAC by connecting to an external amplifier output. |
Numéro de pièce similaire - AD5444YRMZ |
|
Description similaire - AD5444YRMZ |