Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5160BRJZ5-RL7 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD5160BRJZ5-RL7
Description  256-Position SPI-Compatible Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5160BRJZ5-RL7 Fiches technique(HTML) 4 Page - Analog Devices

  AD5160BRJZ5-RL7 Datasheet HTML 1Page - Analog Devices AD5160BRJZ5-RL7 Datasheet HTML 2Page - Analog Devices AD5160BRJZ5-RL7 Datasheet HTML 3Page - Analog Devices AD5160BRJZ5-RL7 Datasheet HTML 4Page - Analog Devices AD5160BRJZ5-RL7 Datasheet HTML 5Page - Analog Devices AD5160BRJZ5-RL7 Datasheet HTML 6Page - Analog Devices AD5160BRJZ5-RL7 Datasheet HTML 7Page - Analog Devices AD5160BRJZ5-RL7 Datasheet HTML 8Page - Analog Devices AD5160BRJZ5-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD5160
Rev. B | Page 4 of 16
10 kΩ, 50 kΩ, 100 kΩ VERSIONS
VDD = 5 V ± 10%, or 3 V ± 10%; VA = VDD; VB = 0 V; −40°C < TA < +125°C; unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS
Rheostat Mode
Resistor Differential Nonlinearity2
R-DNL
RWB, VA = no connect
−1
±0.1
+1
LSB
Resistor Integral Nonlinearity2
R-INL
RWB, VA = no connect
−2
±0.25
+2
LSB
Nominal Resistor Tolerance3
∆RAB
TA = 25°C
−15
+15
%
Resistance Temperature Coefficient
∆RAB/∆T
VAB = VDD,
Wiper = no connect
45
ppm/°C
Wiper Resistance
RW
VDD = 5 V
50
120
Ω
Potentiometer Divider Mode
Specifications apply to all VRs
Resolution
N
8
Bits
Differential Nonlinearity4
DNL
−1
±0.1
+1
LSB
Integral Nonlinearity4
INL
−1
±0.3
+1
LSB
Voltage Divider Temperature
Coefficient
∆VW/∆T
Code = 0x80
15
ppm/°C
Full-Scale Error
VWFSE
Code = 0xFF
−3
−1
0
LSB
Zero-Scale Error
VWZSE
Code = 0x00
0
1
3
LSB
RESISTOR TERMINALS
Voltage Range5
VA,B,W
GND
VDD
V
Capacitance A, Capacitance B6
CA,B
f = 1 MHz, measured to GND, code =
0x80
45
pF
Capacitance W6
CW
f = 1 MHz, measured to GND, code =
0x80
60
pF
Common-Mode Leakage
ICM
VA = VB = VDD/2
1
nA
DIGITAL INPUTS
Input Logic High
VIH
2.4
V
Input Logic Low
VIL
0.8
V
Input Logic High
VIH
VDD = 3 V
2.1
V
Input Logic Low
VIL
VDD = 3 V
0.6
V
Input Current
IIL
VIN = 0 V or 5 V
±1
μA
Input Capacitance6
CIL
5
pF
POWER SUPPLIES
Power Supply Range
VDD RANGE
2.7
5.5
V
Supply Current
IDD
VIH = 5 V or VIL = 0 V
3
8
μA
Power Dissipation7
PDISS
VIH = 5 V or VIL = 0 V, VDD = 5 V
0.2
mW
Power Supply Sensitivity
PSS
∆VDD = +5 V ± 10%, code = midscale
±0.02
±0.05
%/%
DYNAMIC CHARACTERISTICS6, 8
Bandwidth –3 dB
BW
RAB = 10 kΩ/50 kΩ/100 kΩ, Code = 0x80
600/100/40
kHz
Total Harmonic Distortion
THDW
VA = 1 V rms, VB = 0 V, f = 1 kHz, RAB =
10 kΩ
0.05
%
VW Settling Time (10 kΩ/50 kΩ/100 kΩ)
tS
VA = 5 V, VB = 0 V,
±1 LSB error band
2
μs
Resistor Noise Voltage Density
eN_WB
RWB = 5 kΩ
9
nV/√Hz
1 Typical specifications represent average readings at +25°C and VDD = 5 V.
2 Resistor position nonlinearity error (R-INL) is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic.
3 VAB = VDD, wiper (VW) = no connect.
4 INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output digital-to-analog converter (DAC). VA = VDD and VB =
0 V. DNL specification limits of ±1 LSB maximum are guaranteed monotonic operating conditions.
5 Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on polarity with respect to each other.
6 Guaranteed by design and not subject to production test.
7 PDISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation.
8 All dynamic characteristics use VDD = 5 V.


Numéro de pièce similaire - AD5160BRJZ5-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5160BRJZ5-RL72 AD-AD5160BRJZ5-RL72 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160BRJZ5-RL72 AD-AD5160BRJZ5-RL72 Datasheet
485Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
More results

Description similaire - AD5160BRJZ5-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172 Datasheet
179Kb / 10P
   256-Position SPI Compatible Digital Potentiometer
May, 2009 ??Rev. 0
logo
Analog Devices
AD5160 AD-AD5160 Datasheet
847Kb / 16P
   256-Position SPI Compatible Digital Potentiometer
REV. 0
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
AD5162BRMZ10-RL7 AD-AD5162BRMZ10-RL7 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com