Moteur de recherche de fiches techniques de composants électroniques |
|
AD1896AYRSZ Fiches technique(PDF) 7 Page - Analog Devices |
|
AD1896AYRSZ Fiches technique(HTML) 7 Page - Analog Devices |
7 / 28 page REV. A AD1896 –7– PIN CONFIGURATION 28 27 26 25 24 23 22 21 20 19 18 17 16 15 1 2 3 4 5 6 7 8 9 10 11 12 13 14 AD1896 TOP VIEW (NOT TO SCALE ) MUTE_IN RESET SMODE_IN_2 SMODE_IN_1 SMODE_IN_0 BYPASS DGND GRPDLYS MCLK_IN MCLK_OUT SDATA_I VDD_IO LRCLK_I SCLK_I MUTE_OUT WLNGTH_OUT_1 WLNGTH_OUT_0 SMODE_OUT_1 SMODE_OUT_0 TDM_IN DGND MMODE_2 MMODE_1 MMODE_0 SCLK_O VDD_CORE SDATA_O LRCLK_O PIN FUNCTION DESCRIPTIONS Pin No. IN/OUT Mnemonic Description 1IN GRPDLYS Group Delay High = Short, Low = Long 2IN MCLK_IN Master Clock or Crystal Input 3 OUT MCLK_OUT Master Clock Output or Crystal Output 4IN SDATA_I Input Serial Data (at Input Sample Rate) 5 IN/OUT SCLK_I Master/Slave Input Serial Bit Clock 6 IN/OUT LRCLK_I Master/Slave Input Left/Right Clock 7IN VDD_IO 3.3 V/5 V Input/Output Digital Supply Pin 8IN DGND Digital Ground Pin 9IN BYPASS ASRC Bypass Mode, Active High 10 IN SMODE_IN_0 Input Port Serial Interface Mode Select Pin 0 11 IN SMODE_IN_1 Input Port Serial Interface Mode Select Pin 1 12 IN SMODE_IN_2 Input Port Serial Interface Mode Select Pin 2 13 IN RESET Reset Pin, Active Low 14 IN MUTE_IN Mute Input Pin—Active High Normally Connected to MUTE_OUT 15 OUT MUTE_OUT Output Mute Control, Active High 16 IN WLNGTH_OUT_1 Hardware Selectable Output Wordlength—Select Pin 1 17 IN WLNGTH_OUT_0 Hardware Selectable Output Wordlength—Select Pin 0 18 IN SMODE_OUT_1 Output Port Serial Interface Mode Select Pin 1 19 IN SMODE_OUT_0 Output Port Serial Interface Mode Select Pin 0 20 IN TDM_IN Serial Data Input * (Only for Daisy-Chain Mode). Ground when not used. 21 IN DGND Digital Ground Pin 22 IN VDD_CORE 3.3 V Digital Supply Pin 23 OUT SDATA_O Output Serial Data (at Output Sample Rate) 24 IN/OUT LRCLK_O Master/Slave Output Left/Right Clock 25 IN/OUT SCLK_O Master/Slave Output Serial Bit Clock 26 IN MMODE_0 Master/Slave Clock Ratio Mode Select Pin 0 27 IN MMODE_1 Master/Slave Clock Ratio Mode Select Pin 1 28 IN MMODE_2 Master/Slave Clock Ratio Mode Select Pin 2 *Also used to input matched-phase mode data. |
Numéro de pièce similaire - AD1896AYRSZ |
|
Description similaire - AD1896AYRSZ |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |