Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1871YRS Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD1871YRS
Description  Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1871YRS Fiches technique(HTML) 1 Page - Analog Devices

  AD1871YRS Datasheet HTML 1Page - Analog Devices AD1871YRS Datasheet HTML 2Page - Analog Devices AD1871YRS Datasheet HTML 3Page - Analog Devices AD1871YRS Datasheet HTML 4Page - Analog Devices AD1871YRS Datasheet HTML 5Page - Analog Devices AD1871YRS Datasheet HTML 6Page - Analog Devices AD1871YRS Datasheet HTML 7Page - Analog Devices AD1871YRS Datasheet HTML 8Page - Analog Devices AD1871YRS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD1871
REV. 0
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
Stereo Audio, 24-Bit,
96 kHz, Multibit - ADC
FUNCTIONAL BLOCK DIAGRAM
DATA
PORT
MCLK
RESET
CLATCH/(
M/S)
CCLK/(
256/512)
CIN/(DF1)
FILTER
ENGINE
AD1871
LRCLK
BCLK
DOUT
DIN
COUT/(DF0)
CASC
XCTRL
MULTIBIT
-
MODULATOR
ANALOG
INPUT
BUFFER
DECIMATOR
MULTIBIT
-
MODULATOR
ANALOG
INPUT
BUFFER
DECIMATOR
SPI
PORT
CLOCK
DIVIDER
VINLP
VINLN
VREF
VINRP
VINRN
CAPLN CAPLP
AVDD
DVDD
ODVDD
CAPRN CAPRP
AGND
DGND
FEATURES
5.0 V Stereo Audio ADC
with 3.3 V Tolerant Digital Interface
Supports 96 kHz Sample Rates
Supports 16-/20-/24-Bit Word Lengths
Multibit Sigma-Delta Modulators with
“Perfect Differential Linearity Restoration” for
Reduced Idle Tones and Noise Floor
105 dB (Typ) Dynamic Range
Supports 256/512 and 768
fS Master Clocks
Flexible Serial Data Port
Allows Right-Justified, Left-Justified, I2S Compatible
and DSP Serial Port Modes
Cascadable (up to Four Devices) from a Single DSP
SPORT
Device Control via SPI Compatible Serial Port or
Optional Control Pins
On-Chip Reference
28-Lead SSOP Package
APPLICATIONS
Professional Audio
Mixing Consoles
Musical Instruments
Digital Audio Recorders, Including
CD-R, MD, DVD-R, DAT, HDD
Home Theater Systems
Automotive Audio Systems
Multimedia
PRODUCT OVERVIEW
The AD1871 is a stereo audio ADC intended for digital audio
applications requiring high performance analog-to-digital
conversion. It features two 24-bit conversion channels each
with programmable gain amplifier (PGA), multibit sigma-delta
modulator, and decimation filters. Each channel provides 105 db
of dynamic range, making the AD1871 suitable for applications
such as digital audio recorders and mixing consoles.
Each of the AD1871’s input channels (left and right) can be
configured as either differential or single-ended (two inputs
muxed with internal single-ended-to-differential conversion).
The input PGA features a gain range of 0 dB to 12 dB in steps
of 3 dB. The
Σ-∆ modulator features a proprietary multibit
architecture that realizes optimum performance over an audio
bandwidth with standard audio sampling rates of 32 kHz up to
96 kHz. The decimation filter response features very low pass-
band ripple and excellent stop-band attenuation.
The AD1871’s audio data interface supports all common interface
formats such as I
2S, left-justified, right-justified as well as other
modes that allow for convenient connection to general-purpose
digital signal processors (DSPs). The AD1871 also features an
SPI compatible serial control port that allows for convenient
control of device parameters and functionality such as sample
word-width, PGA settings, interface modes, and so on.
The AD1871 operates from a single 5 V power supply—with
an optional digital interfacing capability of 3.3 V. It is housed in
a 28-lead SSOP package and is characterized for operation
over the temperature range –40
°C to +105°C.


Numéro de pièce similaire - AD1871YRS

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1871YRS AD-AD1871YRS Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
AD1871YRS-REEL AD-AD1871YRS-REEL Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com