Moteur de recherche de fiches techniques de composants électroniques |
|
AD664JN-BIP Fiches technique(PDF) 4 Page - Analog Devices |
|
AD664JN-BIP Fiches technique(HTML) 4 Page - Analog Devices |
4 / 23 page AD664 REV. –4– Figure 1a. 44-Pin Block Diagram FUNCTIONAL DESCRIPTION The AD664 combines four complete 12-bit voltage output D/A converters with a fast, flexible digital input/output port on one monolithic chip. It is available in two forms, a 44-pin version shown in Figure 1a and a 28-pin version shown in Figure 1b. 44-Pin Versions Each DAC offers flexibility, accuracy and good dynamic perfor- mance. The R-2R structure is fabricated from thin-film resistors which are laser-trimmed to achieve 1/2 LSB linearity and guar- anteed monotonicity. The output amplifier combines the best features of the bipolar and MOS devices to achieve good dy- namic performance and low offset. Settling time is under 10 µs and each output can drive a 5 mA, 500 pF load. Short-circuit protection allows indefinite shorts to VLL, VCC, VEE and GND. The output and span resistor pins are available separately. This feature allows a user to insert current-boosting elements to in- crease the drive capability of the system, as well as to overcome parasitics. Digital circuitry is implemented in CMOS logic. The fast, low power, digital interface allows the AD664 to be interfaced with most microprocessors. Through this interface, the wide variety of features on each chip may be accessed. For example, the in- put data for each DAC is programmed by way of 4-, 8-, 12- or 16-bit words. The double-buffered input structure of this latch allows all four DACs to be updated simultaneously. A readback feature allows the internal registers to be read back through the same digital port, as either 4-, 8- or 12-bit words. When dis- abled, the readback drivers are placed in a high impedance (tristate) mode. A TRANSPARENT mode allows the input data to pass straight through both ranks of input registers and appear at the DAC with a minimum of delay. One D/A may be placed in the transparent mode at a time, or all four may be made transparent at once. The MODE SELECT feature allows the output range and mode of the DACs to be selected via the data bus inputs. An internal mode select register stores the selec- tions. This register may also be read back to check its contents. A RESET-TO-ZERO feature allows all DACs to be reset to 0 volts out by strobing a single pin. Figure 1b. 28-Pin Block Diagram 28-Pin Versions The 28-pin versions are dedicated versions of the 44-pin AD664. Each offers a reduced set of features from those offered in the 44-pin version. This accommodates the reduced number of package pins available. Data is written and read with 12-bit words only. Output range and mode select functions are also not available in 28-pin versions. As an alternative, users specify either the UNI (unipolar, 0 to VREF) models or the BIP (bipolar, –VREF to VREF) models depending on the application require- ments. Finally, the transparent mode is not available on the 28-pin versions. D |
Numéro de pièce similaire - AD664JN-BIP |
|
Description similaire - AD664JN-BIP |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |