Moteur de recherche de fiches techniques de composants électroniques |
|
AD421BNZ Fiches technique(PDF) 4 Page - Analog Devices |
|
AD421BNZ Fiches technique(HTML) 4 Page - Analog Devices |
4 / 14 page AD421 –4– REV. C ORDERING GUIDE Temperature Package Model Range Option * AD421BN –40 °C to +85°C N-16 AD421BR –40 °C to +85°C R-16 AD421BRRL –40 °C to +85°C R-16; Reeled SOIC EVAL-AD421EB Evaluation Board *N = Plastic DIP, R = SOIC. ABSOLUTE MAXIMUM RATINGS* (TA = +25 °C unless otherwise noted) DRIVE, BOOST, COMP to COM . . . –0.5 V to VCC + 0.5 V LOOP RTN to COM . . . . . . . . . . . . . . . . . . . –2 V to + 0.5 V Digital Input Voltage to COM . . . . . . . –0.5 V to VCC + 0.5 V Operating Temperature Range Commercial (B Version) . . . . . . . . . . . . . . – 40 °C to +85°C Storage Temperature Range . . . . . . . . . . . . –65 °C to +150°C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +150 °C Plastic DIP Package, Power Dissipation . . . . . . . . . . 670 mW θ JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 116 °C/W Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . 260 °C SOIC Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW θ JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 110 °C/W Lead Temperature, Soldering Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . +215 °C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +220 °C *Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. PIN CONFIGURATION DIP and SOIC 14 13 12 11 16 15 10 9 8 1 2 3 4 7 6 5 AD421 TOP VIEW (NOT TO SCALE) REF OUT1 DRIVE COMP BOOST VCC REF OUT2 REF IN LV C3 C2 C1 LATCH CLOCK DATA LOOP RTN COM CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although these devices feature proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE |
Numéro de pièce similaire - AD421BNZ |
|
Description similaire - AD421BNZ |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |