Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD573JPZ Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD573JPZ
Description  10-Bit A/D Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD573JPZ Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD573JPZ Datasheet HTML 2Page - Analog Devices AD573JPZ Datasheet HTML 3Page - Analog Devices AD573JPZ Datasheet HTML 4Page - Analog Devices AD573JPZ Datasheet HTML 5Page - Analog Devices AD573JPZ Datasheet HTML 6Page - Analog Devices AD573JPZ Datasheet HTML 7Page - Analog Devices AD573JPZ Datasheet HTML 8Page - Analog Devices AD573JPZ Datasheet HTML 9Page - Analog Devices AD573JPZ Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AD573
-10-
REV. B
COMPLIANT TO JEDEC STANDARDS MO-047-AA
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
0.020 (0.50)
R
BOTTOM
VIEW
(PINS UP)
0.021 (0.53)
0.013 (0.33)
0.330 (8.38)
0.290 (7.37)
0.032 (0.81)
0.026 (0.66)
0.056 (1.42)
0.042 (1.07)
0.20 (0.51)
MIN
0.120 (3.04)
0.090 (2.29)
3
4
19
18
8
9
14
13
TOP VIEW
(PINS DOWN)
0.395 (10.03)
0.385 (9.78)
SQ
0.356 (9.04)
0.350 (8.89)
SQ
0.048 (1.22 )
0.042 (1.07)
0.048 (1.22)
0.042 (1.07)
0.020
(0.51)
R
0.050
(1.27)
BSC
0.180 (4.57)
0.165 (4.19)
0.045 (1.14)
0.025 (0.64)
R
PIN 1
IDENTIFIER
Figure 20. 20-Lead Plastic Leaded Chip Carrier [PLCC]
(P-20)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
5962-8850501RA
–55°C to +125°C
20-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-20
AD573JD
0°C to +70°C
20-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-20
AD573JN
0°C to +70°C
20-Lead Plastic Dual In-Line Package [PDIP]
N-20
AD573JNZ
0°C to +70°C
20-Lead Plastic Dual In-Line Package [PDIP]
N-20
AD573JP
0°C to +70°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
AD573JPZ
0°C to +70°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
AD573KD
0°C to +70°C
20-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-20
AD573KNZ
0°C to +70°C
20-Lead Plastic Dual In-Line Package [PDIP]
N-20
AD573SD
–55°C to +125°C
20-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-20
AD573SD/883B
–55°C to +125°C
20-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-20
1 Z = RoHS Compliant Part.
REVISION HISTORY
4/12—Rev. A to Rev. B
Changes to Temperature Coefficients Full-Scale Calibration
Parameter........................................................................................... 2
Updated Outline Dimensions ......................................................... 9
Moved Ordering Guide; Added Revision History Section ......... 9
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D
10740-0-4/12(B)


Numéro de pièce similaire - AD573JPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD573JPZ AD-AD573JPZ Datasheet
517Kb / 11P
   10-Bit A/D Converter
More results

Description similaire - AD573JPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD571 AD-AD571 Datasheet
295Kb / 8P
   10-Bit A/D Converter
REV. A
logo
NEC
UPC667 NEC-UPC667 Datasheet
73Kb / 12P
   10-BIT D/A CONVERTER
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
   10-BIT A-D CONVERTER
logo
Analog Devices
AD571 AD-AD571_17 Datasheet
563Kb / 9P
   10-Bit A/D Converter
AD573 AD-AD573 Datasheet
327Kb / 8P
   10-Bit A/D Converter
REV. A
AD573 AD-AD573_17 Datasheet
517Kb / 11P
   10-Bit A/D Converter
logo
Sony Corporation
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
   10-bit 125MSPS D/A Converter
logo
Fujitsu Component Limit...
MB40760 FUJITSU-MB40760 Datasheet
129Kb / 17P
   1CHANNEL 10-BIT D/A CONVERTER
logo
Intersil Corporation
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
   10-Bit, 500MSPS A/D Converter
July 25, 2011
KAD5510P-50 INTERSIL-KAD5510P-50 Datasheet
430Kb / 26P
   10-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com