Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME8855AAEA110 Fiches technique(PDF) 7 Page - Analog Microelectronics

No de pièce AME8855AAEA110
Description  High PSRR, Low Noise, 600mA CMOS Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8855AAEA110 Fiches technique(HTML) 7 Page - Analog Microelectronics

Back Button AME8855AAEA110 Datasheet HTML 3Page - Analog Microelectronics AME8855AAEA110 Datasheet HTML 4Page - Analog Microelectronics AME8855AAEA110 Datasheet HTML 5Page - Analog Microelectronics AME8855AAEA110 Datasheet HTML 6Page - Analog Microelectronics AME8855AAEA110 Datasheet HTML 7Page - Analog Microelectronics AME8855AAEA110 Datasheet HTML 8Page - Analog Microelectronics AME8855AAEA110 Datasheet HTML 9Page - Analog Microelectronics AME8855AAEA110 Datasheet HTML 10Page - Analog Microelectronics AME8855AAEA110 Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
AME
7
AME8855A
Rev. B.02
High PSRR, Low Noise, 600mA
CMOS Regulator
n Ordering Information
AME8855A - x x x xxx
Pin Configuration
Package Type
Number of Pins
Output Voltage
A
1. IN
E: SOT-2X
A: 8
080: 0.8V
(SOT-223)
2. GND
F: SOT-89
T: 3
090: 0.9V
(SOT-23)
3. OUT
G: SOT-223
V: 5
100: 1.0V
(SOT-89)
H: SOP
110: 1.1V
120: 1.2V
B
1. GND
130: 1.3V
(SOT-223)
2. OUT
140: 1.4V
(SOT-23)
3. IN
150: 1.5V
(SOT-89)
:
:
:
:
C
1. GND
420: 4.2V
(SOT-89)
2. IN
430: 4.3V
3. OUT
A
1. IN
(SOT-25)
2. GND
3. EN
4. BYP
5. OUT
A
1. IN
(SOP-8)
2. GND
3. GND
4. OUT
5. NC
6. GND
7. GND
8. EN
Pin Configuration
Package
Type
Number of
Pins
Output Voltage


Numéro de pièce similaire - AME8855AAEA110

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME8855AEA080 AME-AME8855AEA080 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AEA090 AME-AME8855AEA090 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AEA100 AME-AME8855AEA100 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AEA110 AME-AME8855AEA110 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AET080 AME-AME8855AET080 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
More results

Description similaire - AME8855AAEA110

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME8855 AME-AME8855 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
logo
Eutech Microelectronics...
EUP7907A EUTECH-EUP7907A Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
logo
Excelliance MOS Corp.
EM1106 EXCELLIANCE-EM1106 Datasheet
815Kb / 10P
   600mA High PSRR Low Noise LDO
logo
Analog Microelectronics
AME8853A AME-AME8853A Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8852A AME-AME8852A_16 Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8853 AME-AME8853 Datasheet
380Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8852 AME-AME8852_16 Datasheet
339Kb / 23P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852 AME-AME8852 Datasheet
205Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
logo
Global Mixed-mode Techn...
G9188 GMT-G9188 Datasheet
50Kb / 1P
   600mA High PSRR, Low Noise, LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com