Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME8855ACHV090 Fiches technique(PDF) 5 Page - Analog Microelectronics

No de pièce AME8855ACHV090
Description  High PSRR, Low Noise, 600mA CMOS Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8855ACHV090 Fiches technique(HTML) 5 Page - Analog Microelectronics

  AME8855ACHV090 Datasheet HTML 1Page - Analog Microelectronics AME8855ACHV090 Datasheet HTML 2Page - Analog Microelectronics AME8855ACHV090 Datasheet HTML 3Page - Analog Microelectronics AME8855ACHV090 Datasheet HTML 4Page - Analog Microelectronics AME8855ACHV090 Datasheet HTML 5Page - Analog Microelectronics AME8855ACHV090 Datasheet HTML 6Page - Analog Microelectronics AME8855ACHV090 Datasheet HTML 7Page - Analog Microelectronics AME8855ACHV090 Datasheet HTML 8Page - Analog Microelectronics AME8855ACHV090 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
AME
5
AME8855A
Rev. B.02
High PSRR, Low Noise, 600mA
CMOS Regulator
SOP-8
Pin Name
Pin Description
IN
Input voltage pin; should be decoupled with 1µF or greater capacitor.
GND
Ground connection pin.
GND
Ground connection pin.
OUT
LDO voltage regulator output pin; should be decoupled with a 1.0µF or greater value low ESR
ceramic capacitor.
NC
No connection.
GND
Ground connection pin.
GND
Ground connection pin.
EN
Enable pin, Active “high". When pulled “low”, the PMOS pass transistor turns off, current
consuming less than 1µA. When EN pin floating outside, it’s weakly pulled low by internal small
current source .
n Pin Description


Numéro de pièce similaire - AME8855ACHV090

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME8855AEA080 AME-AME8855AEA080 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AEA090 AME-AME8855AEA090 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AEA100 AME-AME8855AEA100 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AEA110 AME-AME8855AEA110 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
AME8855AET080 AME-AME8855AET080 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
More results

Description similaire - AME8855ACHV090

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME8855 AME-AME8855 Datasheet
527Kb / 34P
   High PSRR, Low Noise, 600mA CMOS Regulator
logo
Eutech Microelectronics...
EUP7907A EUTECH-EUP7907A Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
logo
Excelliance MOS Corp.
EM1106 EXCELLIANCE-EM1106 Datasheet
815Kb / 10P
   600mA High PSRR Low Noise LDO
logo
Analog Microelectronics
AME8853A AME-AME8853A Datasheet
341Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8852A AME-AME8852A_16 Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8853 AME-AME8853 Datasheet
380Kb / 29P
   High PSRR, Low Noise, 300mA CMOS Regulator
AME8852 AME-AME8852_16 Datasheet
339Kb / 23P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852 AME-AME8852 Datasheet
205Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
logo
Global Mixed-mode Techn...
G9188 GMT-G9188 Datasheet
50Kb / 1P
   600mA High PSRR, Low Noise, LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com