Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL0500 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce HCPL0500
Description  High Speed Transistor Optocouplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0500 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  HCPL0500 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0500 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0500 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0500 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0500 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0500 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0500 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0500 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0500 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
HCLP0XXX Rev. 1.0.3
Isolation Characteristics (TA = 0°C to +70°C Unless otherwise specified.)
** All typicals at TA = 25°C
NOTES
1
Current Transfer Ratio is designed as a ratio of output collector current, IO, to the forward LED input current, IF, times 100%.
2. The 4.1 k
Ω load represents 1 LSTTL unit load of 0.36 mA and 6.1kΩ pull-up resistor.
3. The 1.9 k
Ω load represents 1 TTL unit load of 1.6 mA and 5.6 kΩ pull-up resistor.
4. Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading edge of the common mode pulse signal VCM, to assure that the
output will remain in a logic high state (i.e., VO>2.0 V). Common mode transient immunity in logic low level is the maximum tolerable (negative) dVcm/dt on the trailing edge of
the common mode pulse signal, VCM, to assure that the output will remain in a logic low state (i.e., VO<0.8 V).
5. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are shorted together.
6. 2500 VAC RMS for 1 minute duration is equivalent to 3000 VAC RMS for 1 second duration.
Symbol
Characteristics
Test Conditions
Min
Typ**
Max
Unit
VISO
Input-Output Isolation Voltage
(note 5, 6) (f = 60 Hz, t = 1.0 min)
(II-O ≤ 2 µA)
2500
VacRMS
RISO
Isolation Resistance
(note 5)
(VI-O = 500 V)
(9)
1011
_
CISO
Isolation Capacitance
(note 5)
(VI-O = 0 , f = 1.0 MHz)
(9)
0.2
pF


Numéro de pièce similaire - HCPL0500

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL0500 FAIRCHILD-HCPL0500 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL0500 FAIRCHILD-HCPL0500 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0500 FAIRCHILD-HCPL0500 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0500 FAIRCHILD-HCPL0500 Datasheet
335Kb / 12P
   Single Channel HCPL0452 HCPL0453 HCPL0500 HCPL0501
HCPL0500 FAIRCHILD-HCPL0500 Datasheet
335Kb / 12P
   High Speed Transistor Optocouplers
More results

Description similaire - HCPL0500

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com