Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2112PWR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2112PWR
Description  AUTOSWITCHING POWER MUX
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2112PWR Fiches technique(HTML) 3 Page - Texas Instruments

  TPS2112PWR Datasheet HTML 1Page - Texas Instruments TPS2112PWR Datasheet HTML 2Page - Texas Instruments TPS2112PWR Datasheet HTML 3Page - Texas Instruments TPS2112PWR Datasheet HTML 4Page - Texas Instruments TPS2112PWR Datasheet HTML 5Page - Texas Instruments TPS2112PWR Datasheet HTML 6Page - Texas Instruments TPS2112PWR Datasheet HTML 7Page - Texas Instruments TPS2112PWR Datasheet HTML 8Page - Texas Instruments TPS2112PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TPS2112
TPS2113
SLVS446 – DECEMBER 2002
www.ti.com
3
ELECTRICAL CHARACTERISTICS
over recommended operating junction temperature range, VI(IN1) = VI(IN2) = 5.5 V, RILIM = 400 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TPS2112
TPS2113
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
POWER SWITCH
T25
°C
VI(IN1) = VI(IN2) = 5.0 V
120
140
84
110
Di
TJ = 25°C,
IL = 500 mA
VI(IN1) = VI(IN2) = 3.3 V
120
140
84
110
m
rDS( )(1)
Drain-source
on state resistance
IL = 500 mA
VI(IN1) = VI(IN2) = 2.8 V
120
140
84
110
m
rDS(on)(1)
on-state resistance
(INx–OUT)
T
125
°C
VI(IN1) = VI(IN2) = 5.0 V
220
150
(INx–OUT)
TJ = 125°C,
IL = 500 mA
VI(IN1) = VI(IN2) = 3.3 V
220
150
m
IL = 500 mA
VI(IN1) = VI(IN2) = 2.8 V
220
150
(1) The TPS211x can switch a voltage as low as 1.5 V as long as there is a minimum of 2.8 V at one of the input power pins. In this specific case,
the lower supply voltage has no effect on the IN1 and IN2 switch on-resistances.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INPUTS (EN)
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.7
V
Input current
EN = High, sink current
1
µA
Input current
EN = Low, source current
0.5
1.4
5
µA
SUPPLY AND LEAKAGE CURRENTS
VI(VSNS) = 1.5 V, EN = Low (IN1 active), VI(IN1) = 5.5 V,
VI(IN2) = 3.3 V, IO(OUT) = 0 A
55
90
Supply current from IN1
VI(VSNS) = 1.5 V, EN = Low (IN1 active), VI(IN1) = 3.3 V,
VI(IN2) = 5.5 V, IO(OUT) = 0 A
1
12
µA
Su
ly current from IN1
(operating)
VI(VSNS) = 0 V, EN = Low (IN2 active), VI(IN1) = 5.5 V,
VI(IN2) = 3.3 V, IO(OUT) = 0 A
75
µA
VI(VSNS) = 0 V, EN = Low (IN2 active), VI(IN1) = 3.3 V,
VI(IN2) = 5.5 V, IO(OUT) = 0 A
1
VI(VSNS) = 1.5 V, EN = Low (IN1 active), VI(IN1) = 5.5 V,
VI(IN2) = 3.3 V, IO(OUT) = 0 A
1
Supply current from IN2
VI(VSNS) = 1.5 V, EN =Low (IN1 active), VI(IN1) = 3.3 V,
VI(IN2) = 5.5 V, IO(OUT) = 0 A
75
µA
Su
ly current from IN2
(operating)
VI(VSNS) = 0 V, EN = Low (IN2 active), VI(IN1) = 5.5 V,
VI(IN2)= 3.3 V, IO(OUT) = 0 A
1
12
µA
VI(VSNS) = 0 V, EN = Low (IN2 active), VI(IN1) = 3.3 V,
VI(IN2) =5.5 V, IO(OUT) = 0 A
55
90
Quiescent current from IN1
EN = High (inactive), VI(IN1) = 5.5 V, VI(IN2) = 3.3 V, IO(OUT) = 0 A
0.5
2
µA
Quiescent current from IN1
(STANDBY)
EN = High (inactive), VI(IN1) = 3.3 V, VI(IN2) = 5.5 V, IO(OUT) = 0 A
1
µA
Quiescent current from IN2
EN = High (inactive), VI(IN1) = 5.5 V, VI(IN2) = 3.3 V, IO(OUT) = 0 A
1
µA
Quiescent current from IN2
(STANDBY)
EN = High (inactive), VI(IN1) = 3.3 V, VI(IN2) = 5.5 V, IO(OUT) = 0 A
0.5
2
µA
Forward leakage current from IN1
(measured from OUT to GND)
EN = High (inactive), VI(IN1) = 5.5 V, IN2 open,
VO(OUT) = 0 V (shorted), TJ = 25°C
0.1
5
µA
Forward leakage current from IN2
(measured from OUT to GND)
EN = High (inactive), VI(IN2) = 5.5 V, IN1 open,
VO(OUT) = 0 V (shorted), TJ = 25°C
0.1
5
µA
Reverse leakage current to INx
(measured from INx to GND)
EN = High (inactive), VI(INx) = 0 V, VO(OUT) = 5.5 V, TJ = 25°C
0.3
5
µA
STAT OUTPUT
Leakage current
VO(STAT) = 5.5 V
0.01
1
µA
Saturationvoltage
II(STAT) = 2 mA, IN1 switch is on
0.13
0.4
V
Deglitch time (falling edge only)
150
µs


Numéro de pièce similaire - TPS2112PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2112PW TI-TPS2112PW Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
More results

Description similaire - TPS2112PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com