Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM-OAC5A Datasheet(Fiches technique) 3 Page - Crydom Inc.,

Numéro de pièce SM-OAC5A
Description  I/O Modules
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CRYDOM [Crydom Inc.,]
Site Internet  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

SM-OAC5A Datasheet(HTML) 3 Page - Crydom Inc.,

  SM-OAC5A Datenblatt HTML 1Page - Crydom Inc., SM-OAC5A Datenblatt HTML 2Page - Crydom Inc., SM-OAC5A Datasheet HTML 3Page - Crydom Inc., SM-OAC5A Datenblatt HTML 4Page - Crydom Inc., SM-OAC5A Datenblatt HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
General Notes:
(1) Specifications apply to an ambient temperature of -30 to 80 °C unless otherwise noted.
(2) Without external LED status indicator. Add 1.7 volts for external LED if utilized.
(3) At nominal input voltage, without external LED status indicator.
(4) +/-10% at 25°C.
(5) Maximum 1 minute duration for OAC modules when applied as a DC voltage rather than a peek AC voltage.
(6) At maximum line voltage, 25°C for OAC modules, and 80°C for ODC modules.
(7) Minimum DV/DT per EIA/NARM RS433, method RS397, DV/DT ratings do not apply to DC output models
(8) At 40°C, derate OAC modules 58 mA/°C to 80°C, derate ODC. ODCxMC and ODCxML modules 50 mA/°C
to 80°C. CSA rating of OAC modules is 3.0 Arms at 40°C.
(9) At 25°C for 1 second maximum duration: 1 AC cycle for AC modules, 1 second for DC modules.
(10) At maximum rated on-state current and 25°C.
(11) At maximum line voltage, maximum rated output current, nominal input voltage and 25°C. Switching speed
of OAC modules is based upon 60 Hz line frequency.
(12) At 25°C for 1 second maximum duration.
(13) 1/3 H.P. at 240 VAC, 1/8 H.P. at 120 VAC.
.
MECHANICAL SPECIFICATIONS
AGENCY APPROVALS
E46203
38595
Rev. 121311


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn