Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM-OAC5A Fiches technique(PDF) 1 Page - Crydom Inc.,

No de pièce SM-OAC5A
Description  I/O Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CRYDOM [Crydom Inc.,]
Site Internet  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

SM-OAC5A Fiches technique(HTML) 1 Page - Crydom Inc.,

  SM-OAC5A Datasheet HTML 1Page - Crydom Inc., SM-OAC5A Datasheet HTML 2Page - Crydom Inc., SM-OAC5A Datasheet HTML 3Page - Crydom Inc., SM-OAC5A Datasheet HTML 4Page - Crydom Inc., SM-OAC5A Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SM SERIES OUTPUT MODULES
• AC Modules have High Current Thyristors with 100 Amp
Surge Capability
• Plug into mounting boards for 0.6" modules
• Zero or Random Turn-On Available in AC Modules
• 4kV Optical isolation (1500 VAC Isolation for
FET DC Output Modules)
• UL Recognized, CSA Certified, CE Compliant
• Industry standard packaging and Color Coding
Black (AC Output) Red (DC Output)
SPECIFICATIONS (1)
Input
Part Number
SM-OAC5
SM-OAC5A
SM-OAC5AH
SM-OAC5AR
SM-OAC5R
Nominal Voltage VDC
5.0
5.0
5.0
5.0
5.0
Minimum Voltage VDC (2)
2.75
2.75
2.75
2.75
2.75
Maximum Voltage VDC
8.0
8.0
8.0
8.0
8.0
Drop-out Voltage
1.0
1.0
1.0
1.0
1.0
Maximum Current (3)
20
20
20
20
20
Resistance (4)
220
220
220
220
220
Output
Nominal Line Voltage
120 VAC
240 VAC
240 VAC
240 VAC
120 VAC
Minimum Line Voltage
12 VAC
24 VAC
24 VAC
24 VAC
12 VAC
Maximum Line Voltage
140 VAC
280 VAC
280 VAC
280 VAC
140 VAC
Max Off-State Voltage (5)
400 Vpeak
600 Vpeak
600 Vpeak
600 Vpeak
400 Vpeak
Max Off-State Leakage (6)
0.1mArms
0.1mArms
0.1mArms
0.1mArms
0.1mArms
Static Off-State dv/dt (7)
200 V/usec
200 V/usec
200 V/usec
200 V/usec
200 V/usec
Maximum Rated On-State Current (8)
3.5 Arms
3.5 Arms
5.0 Arms
3.5 Arms
3.5 Arms
Minimum On-State Current
50 mArms
50 mArms
50 mArms
50 mArms
50 mArms
Max Surge Current (9)
100 Apeak
100 Apeak
100 Apeak
100 Apeak
100 Apeak
On-State Voltage Drop or Resistance (10)
1.6 V
1.6 V
1.6 V
1.6 V
1.6 V
Maximum Turn-On Time [msec] (13)
8.33
8.33
8.33
0.1
0.1
Maximum Turn-Off Time [msec] (13)
8.33
8.33
8.33
8.33
8.33
Input/Output Isolation Voltage (14)
4000
4000
4000
4000
4000
Input/Output Capacitance
8
8
8
8
8
Operating Temperature Range
-30 to 80°C
-30 to 80°C
-30 to 80°C
-30 to 80°C
-30 to 80°C
Storage Temperature Range
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
Line Frequency Range
47 to 63
47 to 63
47 to 63
47 to 63
47 to 63
Weight
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)


Numéro de pièce similaire - SM-OAC5A

FabricantNo de pièceFiches techniqueDescription
logo
Crydom Inc.,
SM-OAC5A CRYDOM-SM-OAC5A Datasheet
1Mb / 5P
   SM SERIES OUTPUT MODULES
SM-OAC5AH CRYDOM-SM-OAC5AH Datasheet
1Mb / 5P
   SM SERIES OUTPUT MODULES
SM-OAC5AR CRYDOM-SM-OAC5AR Datasheet
1Mb / 5P
   SM SERIES OUTPUT MODULES
More results

Description similaire - SM-OAC5A

FabricantNo de pièceFiches techniqueDescription
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
   I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
   I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
   I/O modules
0.46_2021-08-25
logo
Crydom Inc.,
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
   I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
   I/O Modules
M_OUTPUT CRYDOM-M_OUTPUT Datasheet
1Mb / 5P
   I/O Modules
PB-8SM CRYDOM-PB-8SM Datasheet
1Mb / 3P
   I/O Modules
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com