Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MV7342 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce MV7342
Description  SUPER BRIGHT T-1 (3mm) LED LAMP - Water Clear
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MV7342 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  MV7342 Datasheet HTML 1Page - Fairchild Semiconductor MV7342 Datasheet HTML 2Page - Fairchild Semiconductor MV7342 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
www.fairchildsemi.com
© 2000 Fairchild Semiconductor Corporation
SUPER BRIGHT T-1 (3mm)
LED LAMP - Water Clear


Numéro de pièce similaire - MV7342

FabricantNo de pièceFiches techniqueDescription
logo
QT Optoelectronics
MV7342 QT-MV7342 Datasheet
183Kb / 2P
   SUPER BRIGHT T-1 (3mm) LED LAMP - WATER CLEAR
More results

Description similaire - MV7342

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MV7042 FAIRCHILD-MV7042 Datasheet
231Kb / 3P
   SUPER BRIGHT T-1 (3MM) LED LAMP - Water Clear
logo
QT Optoelectronics
MV7042 QT-MV7042 Datasheet
182Kb / 2P
   SUPER BRIGHT T-1 (3mm) LED LAMP - WATER CLEAR
MV7342 QT-MV7342 Datasheet
183Kb / 2P
   SUPER BRIGHT T-1 (3mm) LED LAMP - WATER CLEAR
MV7441 QT-MV7441 Datasheet
184Kb / 2P
   SUPER BRIGHT T-1 (3mm) LED LAMP -WATER CLEAR
logo
Fairchild Semiconductor
MV7441 FAIRCHILD-MV7441 Datasheet
245Kb / 3P
   SUPER BRIGHT T-1 (3mm) LED LAMP Water Clear
MV7742 FAIRCHILD-MV7742 Datasheet
250Kb / 3P
   SUPER BRIGHT T-1 (3mm) LED LAMP - Water Clear
MV7842 FAIRCHILD-MV7842 Datasheet
248Kb / 3P
   SUPER BRIGHT T-1 (3mm) LED LAMP - Water Clear
logo
QT Optoelectronics
MV7742 QT-MV7742 Datasheet
189Kb / 2P
   SUPER BRIGHT T-1 (3MM) LED LAMP - WATER CLEAR
MV7842 QT-MV7842 Datasheet
187Kb / 2P
   SUPER BRIGHT T-1 (3mm) LED LAMP - WATER CLEAR
logo
Fairchild Semiconductor
MV8B01 FAIRCHILD-MV8B01 Datasheet
186Kb / 4P
   SUPER BRIGHT T-1 쩐 (5mm) LED LAMP - Water Clear
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com