Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL7700CDGKT Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL7700CDGKT
Description  SUPPLY-VOLTAGE SUPERVISOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL7700CDGKT Fiches technique(HTML) 2 Page - Texas Instruments

  TL7700CDGKT Datasheet HTML 1Page - Texas Instruments TL7700CDGKT Datasheet HTML 2Page - Texas Instruments TL7700CDGKT Datasheet HTML 3Page - Texas Instruments TL7700CDGKT Datasheet HTML 4Page - Texas Instruments TL7700CDGKT Datasheet HTML 5Page - Texas Instruments TL7700CDGKT Datasheet HTML 6Page - Texas Instruments TL7700CDGKT Datasheet HTML 7Page - Texas Instruments TL7700CDGKT Datasheet HTML 8Page - Texas Instruments TL7700CDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Reference
Voltage
+
-
+
-
R
S
Q
+
-
Vs = 500 mV Typ
RESET
GND
CT
SENSE
VCC
ICT (A)
High:
On
IS (A)
TL7700
SLVS220F
– JULY 1999 – REVISED AUGUST 2011
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
A.
ICT = 15 μA (Typ), Is = 2.5 μA (Typ)
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NO.
NAME
P, PS, PW
DGK
Timing capacitor connection. This terminal sets the RESET output pulse duration (tpo). It is
connected internally to a 15-
μA constant-current source. There is a limit on the switching speed of
internal elements; even if CT is set to 0, response speeds remain at approximately 5 to 10
μs. If CT
is open, the device can be used as an adjustable-threshold noninverting comparator. If CT is low, the
CT
1
3
internal output-stage comparator is active, and the RESET output transistor is on. An external
voltage must not be applied to this terminal due to the internal structure of the device. Therefore,
drive the device using an open-collector transistor, FET, or 3-state buffer (in the low-level or
high-impedance state).
GND
4
5
Ground. Keep this terminal as low impedance to reduce circuit noise.
NC
3, 6, 7
2, 6, 7
No internal connection
Reset output. This terminal can be connected directly to a system that resets in the active-low state.
A pullup resistor usually is required because the output is an npn open-collector transistor. An
RESET
8
1
additional transistor should be connected when the active-high reset or higher output current is
required.
Voltage sense. This terminal has a threshold level of 500 mV. The sense voltage and hysteresis can
be set at the same time when the two voltage-dividing resistors are connected. The reference
SENSE
2
4
voltage is temperature compensated to inhibit temperature drift in the threshold voltage within the
operating temperature range.
VCC
5
8
Power supply. This terminal is used in an operating-voltage range of 1.8 V to 40 V.
2
Copyright
© 1999–2011, Texas Instruments Incorporated


Numéro de pièce similaire - TL7700CDGKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL7700CDGKT TI1-TL7700CDGKT Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
More results

Description similaire - TL7700CDGKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
logo
California Micro Device...
CM3403 CALMIRCO-CM3403 Datasheet
183Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
CM3404 CALMIRCO-CM3404 Datasheet
295Kb / 6P
   Micropower Supply Voltage Supervisor (SVS)
logo
Texas Instruments
TPS3831 TI-TPS3831 Datasheet
906Kb / 24P
[Old version datasheet]   Ultralow Power, Supply Voltage Supervisor
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
[Old version datasheet]   3-Pin Supply Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com