Moteur de recherche de fiches techniques de composants électroniques |
|
CDCLVD1204RGTT Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
CDCLVD1204RGTT Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 20 page 250 260 270 280 290 300 310 320 330 340 350 0 100 200 300 400 500 600 800 Frequency − MHz 700 T = 25 C A o 2.625V 2.5V 2.375V CDCLVD1204 www.ti.com SCAS898A – MAY 2010 – REVISED JUNE 2010 TYPICAL CHARACTERISTICS INPUT CLOCK AND OUTPUT CLOCK PHASE NOISES vs FREQUENCY FROM THE CARRIER (TA = 25°C and VCC = 2.5V) Input clock RMS jitter is 32 fs from 10 kHz to 20 MHz and additive RMS jitter is 152 fs Figure 3. 100 MHz Input and Output Phase Noise Plot Differential Output Voltage vs Frequency Figure 4. Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): CDCLVD1204 |
Numéro de pièce similaire - CDCLVD1204RGTT |
|
Description similaire - CDCLVD1204RGTT |