Moteur de recherche de fiches techniques de composants électroniques |
|
TPS53318DQPT Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
TPS53318DQPT Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 34 page VFB EN PGOOD 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 GND PowerPad TM 18 19 20 21 22 VBST TRIP MODE ROVP LL LL LL LL LL LL RF VDD VREG VIN VIN VIN VIN VIN VIN TPS53318, TPS53319 www.ti.com SLUSAY8B – JUNE 2012 – REVISED MAY 2013 DEVICE INFORMATION DQP PACKAGE 22 PINS (TOP VIEW) PIN FUNCTIONS PIN I/O/P(1) DESCRIPTION NAME NO. EN 2 I Enable pin.Typical turn-on threshold voltage is 1.3 V. Typical turn-off threshold voltage is 1.0 V. GND G Ground and thermal pad of the device. Use proper number of vias to connect to ground plane. 6 7 8 LL B Output of converted power. Connect this pin to the output Inductor. 9 10 11 Soft-start and mode selection. Connect a resistor to select soft-start time using Table 1. The soft-start time MODE 20 I is detected and stored into internal register during start-up. Open drain power good flag. Provides 1-ms start-up delay after VFB falls in specified limits. When VFB PGOOD 3 O goes out of the specified limits PGOOD goes low after a 2-µs delay Redundant overvoltage protection (OVP) input. Use a resistor divider to connect this pin to VOUT. ROVP 5 I Internally pulled down to GND with 1.5-M Ω resistor. Float this pin or connect to GND if redundant OVP is not needed. Switching frequency selection. Connect a resistor to GND or VREG to select switching frequency using RF 22 I Table 2. The switching frequency is detected and stored during the startup. OCL detection threshold setting pin. ITRIP = 10 µA at room temperature, 3000 ppm/°C current is sourced and set the OCL trip voltage as follows. TRIP 21 I space VOCL=VTRIP/32 (VTRIP ≤ 2.4 V, VOCL ≤ 75 mV) Supply input for high-side FET gate driver (boost terminal). Connect capacitor from this pin to LL node. VBST 4 P Internally connected to VREG via bootstrap MOSFET switch. VDD 19 P Controller power supply input. VDD input voltage range is from 4.5 V to 25 V. VFB 1 I Output feedback input. Connect this pin to VOUT through a resistor divider. 12 13 14 VIN P Conversion power input.The conversion input voltage range is from 1.5 V to 22 V. 15 16 17 (1) I=Input, O=Output, B=Bidirectional, P=Supply, G=Ground Copyright © 2012–2013, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: TPS53318 TPS53319 |
Numéro de pièce similaire - TPS53318DQPT |
|
Description similaire - TPS53318DQPT |