Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74CB3T3253D Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74CB3T3253D
Description  DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3T3253D Fiches technique(HTML) 4 Page - Texas Instruments

  SN74CB3T3253D Datasheet HTML 1Page - Texas Instruments SN74CB3T3253D Datasheet HTML 2Page - Texas Instruments SN74CB3T3253D Datasheet HTML 3Page - Texas Instruments SN74CB3T3253D Datasheet HTML 4Page - Texas Instruments SN74CB3T3253D Datasheet HTML 5Page - Texas Instruments SN74CB3T3253D Datasheet HTML 6Page - Texas Instruments SN74CB3T3253D Datasheet HTML 7Page - Texas Instruments SN74CB3T3253D Datasheet HTML 8Page - Texas Instruments SN74CB3T3253D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74CB3T3253
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SCDS148 – OCTOBER 2003 – REVISED JUNE 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
–0.5
7
V
VIN
Control input voltage range(2)(3)
–0.5
7
V
VI/O
Switch I/O voltage range(2)(3)(4)
–0.5
7
V
IIK
Control input clamp current
VIN < 0
–50
mA
II/OK
I/O port clamp current
VI/O < 0
–50
mA
II/O
ON-state switch current(5)
±128
mA
Continuous current through VCC or GND
±100
mA
D package
73
DBQ package
90
θ
JA
Package thermal impedance(6)
°C/W
DGV package
120
PW package
108
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
VI and VO are used to denote specific conditions for VI/O.
(5)
II and IO are used to denote specific conditions for II/O.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
2.3
3.6
V
VCC = 2.3 V to 2.7 V
1.7
5.5
VIH
High-level control input voltage
V
VCC = 2.7 V to 3.6 V
2
5.5
VCC = 2.3 V to 2.7 V
0
0.7
VIL
Low-level control input voltage
V
VCC = 2.7 V to 3.6 V
0
0.8
VI/O
Data input/output voltage
0
5.5
V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4


Numéro de pièce similaire - SN74CB3T3253D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CB3T3253D TI-SN74CB3T3253D Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253D TI1-SN74CB3T3253D Datasheet
727Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253DBQR TI-SN74CB3T3253DBQR Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253DBQR TI1-SN74CB3T3253DBQR Datasheet
727Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3T3253DGVR TI-SN74CB3T3253DGVR Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
More results

Description similaire - SN74CB3T3253D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253ADS-T NXP-CBT3253ADS-T Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
CBT3253A NXP-CBT3253A Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
logo
Texas Instruments
SN74CB3T3253 TI-SN74CB3T3253 Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253A PHILIPS-CBT3253A_15 Datasheet
167Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4-31 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com