Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST016BG1SPGF Datasheet(Fiches technique) 3 Page - Honeywell Solid State Electronics Center

Numéro de pièce ST016BG1SPGF
Description  Amplified output whicheliminates the cost of external amplifiers
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ST016BG1SPGF Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  ST016BG1SPGF Datenblatt HTML 1Page - Honeywell Solid State Electronics Center ST016BG1SPGF Datenblatt HTML 2Page - Honeywell Solid State Electronics Center ST016BG1SPGF Datasheet HTML 3Page - Honeywell Solid State Electronics Center ST016BG1SPGF Datenblatt HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Stainless Steel Pressure Sensors
ST Series
HOW TO ORDER
ST
Series
100
Range
P
Unit
G
Reference
G = Gage (psig)
V = Vacuum**
1 S
P G
F
F = Fluorosilicone
G = 4 mA to 20 mA
R = 0.5 Vdc to 4.5 Vdc Regulated
C = 0.5 Vdc to 4.5 Vdc Ratiometric
P = Packard
S = Stainless Steel
B = Brass
Internal Seal
Material
Output
Termination
Port Material
Pressure
Connections
B = BAR
P = PSI
BAR
0R4*
0R6*
001
1R6*
2R5*
004
006
010
016
005
010
015
025
050
PSI
100
150
200
250
1 = 1/8-27 NPT
2 = 1/4-18 NPT
6 = G1/4-19 BSP
* The character R replaces the decimal point in fractional pressure ranges.
** For 015 pressure range only, full scale output at -14.7 psi.
Note: Not all combinations are available. Minimum quantity orders apply. Contact Honeywell for more details
Honeywell
• Sensing and Control 3


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn