Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST010BG1SPGF Datasheet(Fiches technique) 1 Page - Honeywell Solid State Electronics Center

Numéro de pièce ST010BG1SPGF
Description  Amplified output whicheliminates the cost of external amplifiers
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ST010BG1SPGF Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  ST010BG1SPGF Datasheet HTML 1Page - Honeywell Solid State Electronics Center ST010BG1SPGF Datenblatt HTML 2Page - Honeywell Solid State Electronics Center ST010BG1SPGF Datenblatt HTML 3Page - Honeywell Solid State Electronics Center ST010BG1SPGF Datenblatt HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Stainless Steel Pressure Sensors
ST Series
FEATURES
• Amplified output which
eliminates the cost of
external amplifiers
• Reverse polarity protection
prevents damaged from
reversed excitation
• Less than 500 µs response
time for accurate high
speed measurements
• Exceeds CE Heavy
Industrial EMC
• High value with
outstanding performance
TYPICAL APPLICATIONS
• Pneumatic equipment
• Air compressors
• Air filtration monitoring
• Industrial controls
WARNING
PERSONAL INJURY
DO NOT USE these
products as safety or
emergency stop devices or
in any other application
where failure of the product
could result in personal
injury.
Failure to comply with
these instructions could
result in death or serious
injury.
The Model ST pressure transducer combines Honeywell's proven silicon
pressure sensing with the latest in ASIC technology in a rugged, industrial
package. High value, coupled with outstanding performance, make this an
ideal transducer for industrial control applications such as air compressors
and pneumatic equipment. Temperature compensated, calibrated, and
amplified, the ST has pressure ranges from 0 psi to 5.0 psi to 0 psi to 250
psi.
The ST offers three standard output options for user flexibility, which are
as follows: a 0.50 Vdc to 4.50 Vdc ratiometric output from 5.0 Vdc excitation,
a 0.50 Vdc to 4.50 Vdc regulated output from 7.0 Vdc to 35.0 Vdc excitation,
or a 4 mA to 20 mA output from 9.5 Vdc to 35.0 Vdc. The ST transducer
delivers ±1.0% full scale accuracy (BFSL) over a wide temperature range of
-40 °C to 100 °C [-40 °F to 212 °F] and utilizes a proven industry standard
connector for high reliability.
WARNING
MISUSE OF DOCUMENTATION
• The information presented in this product sheet is for reference only. Do
not use this document as a product installation guide.
• Complete installation, operation, and maintenance information is
provided in the instructions supplied with each product.
Failure to comply with these instructions could result in death or
serious injury.
Sensing and Control


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn