Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST004BG1SPGF Datasheet(Fiches technique) 2 Page - Honeywell Solid State Electronics Center

Numéro de pièce ST004BG1SPGF
Description  Amplified output whicheliminates the cost of external amplifiers
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ST004BG1SPGF Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  ST004BG1SPGF Datenblatt HTML 1Page - Honeywell Solid State Electronics Center ST004BG1SPGF Datasheet HTML 2Page - Honeywell Solid State Electronics Center ST004BG1SPGF Datenblatt HTML 3Page - Honeywell Solid State Electronics Center ST004BG1SPGF Datenblatt HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Stainless Steel Pressure Sensors
ST Series
SPECIFICATIONS
Pressure Ranges
1
psig
0 to 5.0, 10.0, 15.0, 25.0, 50.0, 100, 150, 200, and 250
bar
0 to 0.4, 0.6, 1.0, 1.6, 2.5, 4.0, 6.0, 10.0, and 16.0
Physical
Proof Pressure
≤150 psi [6.0 bar], 3 X rated range
>150 psi [6.0 bar], 2 X rated range
Burst Pressure
≤100 psi [6.0 bar], 5 X rated range
>100 psi [6.0 bar], 3 X rated range
Material in contact with
media
300 series stainless steel or brass, internal seal, silicon, polyetherimide
Weight
2.0 oz [57.0 gm]
Environmental
2
Shock
50 g’s peak [5 milliseconds]
Vibration
Figure 514.2-5, Curve AK, Table 514.2-V, Random Vibration Test [Overall g
rms = 20.7 minimum]
Electrical
3
Voltage
Current
Null Offset
0.5 Vdc
4.0 MA
Span
4.0 Vdc [0.50 Vdc to 4.50 Vdc]
16 mA [4 mA to 20 mA]
Excitation Ratiometric
Regulated
5.0 Vdc
±250 mV [7.0 Vdc max.]
7.0 Vdc to 35.0 Vdc
9.5 Vdc to 35.0 Vdc
Supply Current
5.0 mA typical [7.0 mA max.]
N/A
Source (nominal)
2.0 mA
N/A
Sink (nominal)
20 µA @ zero output
N/A
Supply Rejection Ratio
90 decibels
N/A
Output Impedance
25
Ω max.
N/A
Performance
3
Response Time
< 500 µs
EMI/RFI
Exceeds CE heavy industrial
[30v/m radiated 150 kHz to 1 gHz]
Electrical Connection
Packard Metri-Pack
TM requires mating connector P/N3685901 (order
separately)
Accuracy
±1.0% F.S.O. best fit straight line includes: non-linearity, hysteresis, non-
repeatability. Thermal errors are not included.
Total Error Band
±2% F.S.O. Includes: zero offset error, span error, thermal effect on zero and
thermal effect on span, non-linearity, hysteresis, non-repeatability
Compensated Operating and
Storage Temperature Range
Range -40 °C to 100 °C [-40 °F to 212 °F]
Notes:
1.
Contact the factory to discuss other pressure ranges
.
2.
Meets IEC-68-2 or MIL-STD 810C.
3.
All specifications are measured at 25 °C [77 °F] and at rated excitation unless otherwise specified.
2 Honeywell
• Sensing and Control


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn