Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7612BSWZ-P Fiches technique(PDF) 9 Page - Analog Devices

No de pièce ADV7612BSWZ-P
Description  Dual Port, Xpressview, 225 MHz HDMI Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7612BSWZ-P Fiches technique(HTML) 9 Page - Analog Devices

Back Button ADV7612BSWZ-P Datasheet HTML 5Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 6Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 7Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 8Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 9Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 10Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 11Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 12Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADV7612
Rev. D | Page 9 of 20
Pin
No.
Mnemonic
Type
Description
15
RXB_C+
HDMI input
Digital Input Clock True of Port B in the HDMI Interface.
16
TVDD
Power
Terminator Supply Voltage (3.3 V).
17
RXB_0−
HDMI input
Digital Input Channel 0 Complement of Port B in the HDMI Interface.
18
RXB_0+
HDMI input
Digital Input Channel 0 True of Port B in the HDMI Interface.
19
TVDD
Power
Terminator Supply Voltage (3.3 V).
20
RXB_1−
HDMI input
Digital Input Channel 1 Complement of Port B in the HDMI Interface.
21
RXB_1+
HDMI input
Digital Input Channel 1 True of Port B in the HDMI Interface.
22
TVDD
Power
Terminator Supply Voltage (3.3 V).
23
RXB_2−
HDMI input
Digital Input Channel 2 Complement of Port B in the HDMI Interface.
24
RXB_2+
HDMI input
Digital Input Channel 2 True of Port B in the HDMI Interface.
25
CVDD
Power
HDMI Analog Block Supply Voltage (1.8 V).
26
NC
No connect
No connect.
27
P35
Digital video output
Video Pixel Output Port.
28
P34
Digital video output
Video Pixel Output Port.
29
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
30
P33
Digital video output
Video Pixel Output Port.
31
P32
Digital video output
Video Pixel Output Port.
32
P31
Digital video output
Video Pixel Output Port.
33
P30
Digital video output
Video Pixel Output Port.
34
P29
Digital video output
Video Pixel Output Port.
35
P28
Digital video output
Video Pixel Output Port.
36
P27
Digital video output
Video Pixel Output Port.
37
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
38
P26
Digital video output
Video Pixel Output Port.
39
P25
Digital video output
Video Pixel Output Port.
40
P24
Digital video output
Video Pixel Output Port.
41
DVDD
Power
Digital Core Supply Voltage (1.8 V).
42
LLC
Digital video output
Line-Locked Output Clock for the Pixel Data (Range is 13.5 MHz to 170 MHz).
43
P23
Digital video output
Video Pixel Output Port.
44
P22
Digital video output
Video Pixel Output Port.
45
P21
Digital video output
Video Pixel Output Port.
46
P20
Digital video output
Video Pixel Output Port.
47
P19
Digital video output
Video Pixel Output Port.
48
P18
Digital video output
Video Pixel Output Port.
49
P17
Digital video output
Video Pixel Output Port.
50
NC
No connect
No connect.
51
P16
Digital video output
Video Pixel Output Port.
52
P15
Digital video output
Video Pixel Output Port.
53
P14
Digital video output
Video Pixel Output Port.
54
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
55
P13
Digital video output
Video Pixel Output Port.
56
P12
Digital video output
Video Pixel Output Port.
57
P11
Digital video output
Video Pixel Output Port.
58
P10
Digital video output
Video Pixel Output Port.
59
P9
Digital video output
Video Pixel Output Port.
60
P8
Digital video output
Video Pixel Output Port.
61
P7
Digital video output
Video Pixel Output Port.
62
DVDD
Power
Digital Core Supply Voltage (1.8 V).
63
P6
Digital video output
Video Pixel Output Port.
64
P5
Digital video output
Video Pixel Output Port.
65
P4
Digital video output
Video Pixel Output Port.


Numéro de pièce similaire - ADV7612BSWZ-P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7612BSWZ-P AD-ADV7612BSWZ-P Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
More results

Description similaire - ADV7612BSWZ-P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7619 AD-ADV7619_15 Datasheet
424Kb / 24P
   Dual Port, Xpressview, 3 GHz HDMI Receiver
ADV7619 AD-ADV7619 Datasheet
562Kb / 24P
   Dual Port, Xpressview
REV. B
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7480 AD-ADV7480 Datasheet
315Kb / 19P
   Dual Mode HDMI/MHL Receiver
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com