Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7612BSWZ-P Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADV7612BSWZ-P
Description  Dual Port, Xpressview, 225 MHz HDMI Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7612BSWZ-P Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADV7612BSWZ-P Datasheet HTML 4Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 5Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 6Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 7Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 8Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 9Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 10Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 11Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADV7612
Data Sheet
Rev. D | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
2
3
4
7
6
5
1
8
9
10
12
13
14
15
16
17
18
19
20
21
22
23
24
25
11
74
73
72
69
70
71
75
68
67
66
64
63
62
61
60
59
58
57
56
55
54
53
52
51
65
ADV7612
TOP VIEW
(Not to Scale)
AP1
AP0
VS/FIELD/ALSB
HS
DE
DVDDIO
P0
P1
P2
P3
P4
P5
P6
DVDD
P7
P8
P9
P10
P11
P12
P13
DVDDIO
P14
P15
P16
CVDD
RXA_C–
RXA_C+
TVDD
RXA_0–
RXA_0+
TVDD
RXA_1–
RXA_1+
TVDD
RXA_2–
RXA_2+
CVDD
RXB_C–
RXB_C+
TVDD
RXB_0–
RXB_0+
TVDD
RXB_1–
RXB_1+
TVDD
RXB_2–
RXB_2+
CVDD
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. CONNECT EXPOSED PAD (PIN0) TO GROUND (BOTTOM).
Figure 6. Pin Configuration
Table 4. Pin Function Descriptions
Pin
No.
Mnemonic
Type
Description
0
GND
Ground
Ground.
1
CVDD
Power
HDMI Analog Block Supply Voltage (1.8 V).
2
RXA_C−
HDMI input
Digital Input Clock Complement of Port A in the HDMI Interface.
3
RXA_C+
HDMI input
Digital Input Clock True of Port A in the HDMI Interface.
4
TVDD
Power
Terminator Supply Voltage (3.3 V).
5
RXA_0−
HDMI input
Digital Input Channel 0 Complement of Port A in the HDMI Interface.
6
RXA_0+
HDMI input
Digital Input Channel 0 True of Port A in the HDMI Interface.
7
TVDD
Power
Terminator Supply Voltage (3.3 V).
8
RXA_1−
HDMI input
Digital Input Channel 1 Complement of Port A in the HDMI Interface.
9
RXA_1+
HDMI input
Digital Input Channel 1 True of Port A in the HDMI Interface.
10
TVDD
Power
Terminator Supply Voltage (3.3 V).
11
RXA_2−
HDMI input
Digital Input Channel 2 Complement of Port A in the HDMI Interface.
12
RXA_2+
HDMI input
Digital Input Channel 2 True of Port A in the HDMI Interface.
13
CVDD
Power
HDMI Analog Block Supply Voltage (1.8 V).
14
RXB_C−
HDMI input
Digital Input Clock Complement of Port B in the HDMI Interface.


Numéro de pièce similaire - ADV7612BSWZ-P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7612BSWZ-P AD-ADV7612BSWZ-P Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
More results

Description similaire - ADV7612BSWZ-P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7619 AD-ADV7619_15 Datasheet
424Kb / 24P
   Dual Port, Xpressview, 3 GHz HDMI Receiver
ADV7619 AD-ADV7619 Datasheet
562Kb / 24P
   Dual Port, Xpressview
REV. B
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7480 AD-ADV7480 Datasheet
315Kb / 19P
   Dual Mode HDMI/MHL Receiver
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com