Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7612BSWZ-P Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADV7612BSWZ-P
Description  Dual Port, Xpressview, 225 MHz HDMI Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7612BSWZ-P Fiches technique(HTML) 5 Page - Analog Devices

  ADV7612BSWZ-P Datasheet HTML 1Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 2Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 3Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 4Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 5Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 6Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 7Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 8Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADV7612
Rev. D | Page 5 of 20
DATA AND I2C TIMING CHARACTERISTICS
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CLOCK AND CRYSTAL
Crystal Frequency, XTALP
28.63636
MHz
Crystal Frequency Stability
±50
ppm
LLC Frequency Range
13.5
170
MHz
I2C PORTS
SCL Frequency
400
kHz
SCL Minimum Pulse Width High1
t1
600
ns
SCL Minimum Pulse Width Low1
t2
1.3
µs
Start Condition Hold Time1
t3
600
ns
Start Condition Setup Time1
t4
600
ns
SDA Setup Time1
t5
100
ns
SCL and SDA Rise Time1
t6
300
ns
SCL and SDA Fall Time1
t7
300
ns
Stop Condition Setup Time1
t8
0.6
µs
RESET FEATURE
Reset Pulse Width
5
ms
CLOCK OUTPUTS
LLC Mark-Space Ratio1
t9:t10
45:55
55:45
% duty cycle
DATA AND CONTROL OUTPUTS2
Data Output Transition Time1
t11
End of valid data to negative clock edge
1.0
2.2
ns
t12
Negative clock edge to start of valid data
0.0
0.3
ns
I2S PORT, MASTER MODE
SCLK Mark-Space Ratio1
t15:t16
45:55
55:45
% duty cycle
LRCLK Data Transition Time1
t17
End of valid data to negative SCLK edge
10
ns
t18
Negative SCLK edge to start of valid data
10
ns
I2S Data Transition Time1
t19
End of valid data to negative SCLK edge
5
ns
t20
Negative SCLK edge to start of valid data
5
ns
1
Data guaranteed by characterization.
2
With the DLL block on output clock bypassed.


Numéro de pièce similaire - ADV7612BSWZ-P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7612BSWZ-P AD-ADV7612BSWZ-P Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
More results

Description similaire - ADV7612BSWZ-P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7619 AD-ADV7619_15 Datasheet
424Kb / 24P
   Dual Port, Xpressview, 3 GHz HDMI Receiver
ADV7619 AD-ADV7619 Datasheet
562Kb / 24P
   Dual Port, Xpressview
REV. B
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7480 AD-ADV7480 Datasheet
315Kb / 19P
   Dual Mode HDMI/MHL Receiver
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com