Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7612BSWZ-P Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADV7612BSWZ-P
Description  Dual Port, Xpressview, 225 MHz HDMI Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7612BSWZ-P Fiches technique(HTML) 4 Page - Analog Devices

  ADV7612BSWZ-P Datasheet HTML 1Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 2Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 3Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 4Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 5Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 6Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 7Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 8Page - Analog Devices ADV7612BSWZ-P Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADV7612
Data Sheet
Rev. D | Page 4 of 20
SPECIFICATIONS
At DVDD = 1.71 V to 1.89 V, DVDDIO = 3.14 V to 3.46 V, PVDD = 1.71 V to 1.89 V, TVDD = 3.14 V to 3.46 V, CVDD = 1.71 V to 1.89 V,
Operating temperature range, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL INPUTS1
Input High Voltage
VIH
XTALN and XTALP
1.2
V
VIH
Other digital inputs
2
V
Input Low Voltage
VIL
XTALN and XTALP
0.4
V
VIL
Other digital inputs
0.8
V
Input Current
IIN
RESET pin
±45
±60
µA
CS pin
±45
±60
µA
Other digital inputs
±10
µA
Input Capacitance
CIN
10
pF
DIGITAL INPUTS (5 V TOLERANT)1, 2
Input High Voltage
VIH
2.6
V
Input Low Voltage
VIL
0.8
V
Input Current
IIN
−82
+82
µA
DIGITAL OUTPUTS1
Output High Voltage
VOH
2.4
V
Output Low Voltage
VOL
0.4
V
High Impedance Leakage
Current
ILEAK
VS/FIELD/ALSB pin
±35
±60
µA
HPA_A/INT2, HPA_B pin
±82
µA
Digital inputs other than XTALN
and XTALP
±10
µA
Output Capacitance
COUT
20
pF
POWER REQUIREMENTS3,4
Digital Core Power Supply
DVDD
1.71
1.8
1.89
V
Digital I/O Power Supply
DVDDIO
3.14
3.3
3.46
V
PLL Power Supply
PVDD
1.71
1.8
1.89
V
Terminator Power Supply
TVDD
3.14
3.3
3.46
V
Comparator Power Supply
CVDD
1.71
1.8
1.89
V
Digital Core Supply Current
IDVDD
Dual 1080p60 12 bit with BG5port
149.5
201.9
mA
Digital I/O Supply Current
IDVDDIO
Dual 1080p60 12 bit with BG5 port
9.9
178.5
mA
PLL Supply Current
IPVDD
Dual 1080p60 12 bit with BG5 port
39.2
36.9
mA
Terminator Supply Current
ITVDD
Dual 1080p60 12 bit with BG5 port
121.4
134.5
mA
Comparator Supply Current
ICVDD
Dual 1080p60 12 bit with BG5 port
187.0
210.9
mA
POWER-DOWN CURRENTS3,6
Digital Core Supply Current
IDVDD_PD
0.3
0.4
mA
Digital I/O Supply Current
IDVDDIO_PD
1.3
1.7
mA
PLL Supply Current
IPVDD_PD
1.5
1.8
mA
Terminator Supply Current
ITVDD_PD
0.1
0.3
mA
Comparator Supply Current
ICVDD_PD
1.3
1.7
mA
Power-Up Time
tPWRUP
25
ms
1
Data guaranteed by characterization.
2
The following pins are 5 V tolerant: DDCA_SCL, DDCA_SDA, DDCB_SCL, DDCB_SDA, RXA_5V, and RXB_5V.
3
Data recorded during lab characterization
4
Maximum current consumption values are recorded with maximum rated voltage supply levels, MoireX video pattern, and at maximum rated temperature.
5
BG = background.
6
Power-Down Mode 0 (IO map, Register 0x0C = 0x62), ring oscillator powered down (HDMI map, Register 0x48 = 0x01), and DDC pads off (HDMI map, Register 0x73 = 0x03).


Numéro de pièce similaire - ADV7612BSWZ-P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7612BSWZ-P AD-ADV7612BSWZ-P Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
More results

Description similaire - ADV7612BSWZ-P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7619 AD-ADV7619_15 Datasheet
424Kb / 24P
   Dual Port, Xpressview, 3 GHz HDMI Receiver
ADV7619 AD-ADV7619 Datasheet
562Kb / 24P
   Dual Port, Xpressview
REV. B
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7480 AD-ADV7480 Datasheet
315Kb / 19P
   Dual Mode HDMI/MHL Receiver
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com