Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7612BSWZ Fiches technique(PDF) 10 Page - Analog Devices

No de pièce ADV7612BSWZ
Description  Dual Port, Xpressview, 225 MHz HDMI Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7612BSWZ Fiches technique(HTML) 10 Page - Analog Devices

Back Button ADV7612BSWZ Datasheet HTML 6Page - Analog Devices ADV7612BSWZ Datasheet HTML 7Page - Analog Devices ADV7612BSWZ Datasheet HTML 8Page - Analog Devices ADV7612BSWZ Datasheet HTML 9Page - Analog Devices ADV7612BSWZ Datasheet HTML 10Page - Analog Devices ADV7612BSWZ Datasheet HTML 11Page - Analog Devices ADV7612BSWZ Datasheet HTML 12Page - Analog Devices ADV7612BSWZ Datasheet HTML 13Page - Analog Devices ADV7612BSWZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADV7612
Data Sheet
Rev. D | Page 10 of 20
Pin
No.
Mnemonic
Type
Description
66
P3
Digital video output
Video Pixel Output Port.
67
P2
Digital video output
Video Pixel Output Port.
68
P1
Digital video output
Video Pixel Output Port.
69
P0
Digital video output
Video Pixel Output Port.
70
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
71
DE
Miscellaneous digital
DE (data enable) is a signal that indicates active pixel data.
72
HS
Digital video output
HS is a horizontal synchronization output signal.
73
VS/FIELD/ALSB
Digital video output
VS is a vertical synchronization output signal. FIELD is a field synchronization output
signal in all interlaced video modes. VS or FIELD can be configured for this pin. ALSB
allows selection of the I2C address.
74
AP0
Miscellaneous digital
Audio Output Pin. Pin AP0 to Pin AP5 can be configured to output S/PDIF digital audio
output, HBR, DSD, DST, or I2S.
75
AP1
Miscellaneous digital
Audio Output Pin. Pin AP0 to Pin AP5 can be configured to output S/PDIF digital audio
output, HBR, DSD, DST, or I2S.
76
AP2
Miscellaneous digital
Audio Output Pin. Pin AP0 to Pin AP5 can be configured to output S/PDIF digital audio
output, HBR, DSD, DST, or I2S.
77
AP3
Miscellaneous ditial
Audio Output Pin. Pin AP0 to Pin AP5 can be configured to output S/PDIF digital audio
output, HBR, DSD, DST, or I2S.
78
AP4
Miscellaneous ditial
Audio Output Pin. Pin AP0 to Pin AP5 can be configured to output S/PDIF digital audio
output, HBR, DSD, DST, or I2S.
79
SCLK/INT2
Miscellaneous digital
A dual function pin that can be configured to output an audio serial clock or an Interrupt 2
signal.
80
AP5
Miscellaneous
Audio Output Pin. Pin AP0 to Pin AP5 can be configured to output S/PDIF digital audio
output, HBR, DSD, DST, or I2S. Additionally, Pin AP5 can be configured to provide LRCLK.
81
MCLK/INT2
Miscellaneous
A dual function pin that can be configured to output an audio master clock or an Interrupt 2
signal.
82
DVDD
Power
Digital Core Supply Voltage (1.8 V).
83
SCL
Miscellaneous digital
I2C Port Serial Clock Input. SCL is the clock line for the control port.
84
SDA
Miscellaneous digital
I2C Port Serial Data Input/Output Pin. SDA is the data line for the control port.
85
INT1
Miscellaneous digital
Interrupt. This pin can be active low or active high. When status bits change, this pin is
triggered. The events that trigger an interrupt are under user configuration.
86
RESET
Miscellaneous digital
System Reset Input. Active low. A minimum low reset pulse width of 5 ms is required to
reset the ADV7612 circuitry.
87
CS
Miscellaneous digital
Chip Select. This pin has an internal pull-down. Pulling this line up causes I2C state
machine to ignore I2C transmission.
88
PVDD
Power
PLL Supply Voltage (1.8 V).
89
XTALP
Miscellaneous analog
Input Pin for 28.63636 MHz Crystal or an External 1.8 V, 28.63636 MHz Clock Oscillator
Source to Clock the ADV7612.
90
XTALN
Miscellaneous analog
Crystal Input. Input pin for 28.63636 MHz crystal. This pin should be left unconnected if
XTALP is driven with 1.8 V clock signal.
91
DVDD
Power
Digital Core Supply Voltage (1.8 V).
92
CEC
Digital input/output
Consumer Electronic Control Channel.
93
DDCB_SCL
HDMI input
HDCP Slave Serial Clock Port B. DDCB_SCL is a 3.3 V input that is 5 V tolerant.
94
DDCB_SDA
HDMI input
HDCP Slave Serial Data Port B. DDCB_SDA is a 3.3 V input that is 5 V tolerant.
95
RXB_5V
HDMI input
5 V Detect Pin for Port B in the HDMI Interface.
96
HPA_B
Miscellaneous digital
Hot Plug assert signal output for HDMI Port B.
97
DDCA_SCL
HDMI input
HDCP Slave Serial Clock Port A. DDCA_SCL is a 3.3 V input that is 5 V tolerant.
98
DDCA_SDA
HDMI input
HDCP Slave Serial Data Port A. DDCA_SDA is a 3.3 V input that is 5 V tolerant.
99
RXA_5V
HDMI input
5 V Detect Pin for Port A in the HDMI Interface.
100
HPA_A/INT2
Miscellaneous digital
A dual function pin that can be configured to output Hot Plug assert signal (for HDMI
Port A) or an Interrupt 2 signal.


Numéro de pièce similaire - ADV7612BSWZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7612BSWZ AD-ADV7612BSWZ Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7612BSWZ-P AD-ADV7612BSWZ-P Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
More results

Description similaire - ADV7612BSWZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7619 AD-ADV7619_15 Datasheet
424Kb / 24P
   Dual Port, Xpressview, 3 GHz HDMI Receiver
ADV7619 AD-ADV7619 Datasheet
562Kb / 24P
   Dual Port, Xpressview
REV. B
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7480 AD-ADV7480 Datasheet
315Kb / 19P
   Dual Mode HDMI/MHL Receiver
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com