Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7612BSWZ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADV7612BSWZ
Description  Dual Port, Xpressview, 225 MHz HDMI Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7612BSWZ Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADV7612BSWZ Datasheet HTML 3Page - Analog Devices ADV7612BSWZ Datasheet HTML 4Page - Analog Devices ADV7612BSWZ Datasheet HTML 5Page - Analog Devices ADV7612BSWZ Datasheet HTML 6Page - Analog Devices ADV7612BSWZ Datasheet HTML 7Page - Analog Devices ADV7612BSWZ Datasheet HTML 8Page - Analog Devices ADV7612BSWZ Datasheet HTML 9Page - Analog Devices ADV7612BSWZ Datasheet HTML 10Page - Analog Devices ADV7612BSWZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADV7612
Rev. D | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
DVDD to GND
2.2 V
PVDD to GND
2.2 V
DVDDIO to GND
4.0 V
CVDD to GND
2.2 V
TVDD to GND
4.0 V
Digital Inputs Voltage to GND
GND − 0.3 V to DVDDIO + 0.3 V
5 V Tolerant Digital Inputs to
GND1
5.3 V
Digital Outputs Voltage to GND
GND − 0.3 V to DVDDIO + 0.3 V
XTALP, XTALN
−0.3 V to PVDD + 0.3 V
SCL/SDA Data Pins to DVDDIO
DVDDIO − 0.3 V to DVDDIO +
3.6 V
Maximum Junction
Temperature (TJ MAX)
125°C
Storage Temperature Range
−60°C to +150°C
Infrared Reflow Soldering (20 sec)
260°C
1
The following inputs are 3.3 V inputs but are 5 V tolerant: DDCA_SCL,
DDCA_SDA, DDCB_SCL, and DDCB_SDA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
PACKAGE THERMAL PERFORMANCE
To reduce power consumption when using the ADV7612, the
user is advised to turn off the unused sections of the part.
Due to the printed circuit board (PCB) metal variation and,
therefore, variation in PCB heat conductivity, the value of θJA
may differ for various PCBs.
The most efficient measurement solution is obtained using the
package surface temperature to estimate the die temperature
because this eliminates the variance associated with the θJA value.
The maximum junction temperature (TJ MAX) of 125°C must not be
exceeded. The following equation calculates the junction tempera-
ture using the measured package surface temperature and applies
only when no heat sink is used on the device under test (DUT):
(
)
TOTAL
JT
S
J
W
Ψ
T
T
×
+
=
where:
TS is the package surface temperature (°C).
ΨJT = 0.3°C/W for the 100-lead LQFP_EP.
WTOTAL = ((PVDD × IPVDD) + (0.05 × TVDD × ITVDD) + (CVDD ×
ICVDD) + (DVDD × IDVDD) + (DVDDIO × IDVDDIO))
where 0.05 is 5% of the TVDD power that is dissipated on the
part itself.
ESD CAUTION


Numéro de pièce similaire - ADV7612BSWZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7612BSWZ AD-ADV7612BSWZ Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7612BSWZ-P AD-ADV7612BSWZ-P Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
More results

Description similaire - ADV7612BSWZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7619 AD-ADV7619_15 Datasheet
424Kb / 24P
   Dual Port, Xpressview, 3 GHz HDMI Receiver
ADV7619 AD-ADV7619 Datasheet
562Kb / 24P
   Dual Port, Xpressview
REV. B
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7480 AD-ADV7480 Datasheet
315Kb / 19P
   Dual Mode HDMI/MHL Receiver
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com