Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7612BSWZ Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADV7612BSWZ
Description  Dual Port, Xpressview, 225 MHz HDMI Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7612BSWZ Fiches technique(HTML) 6 Page - Analog Devices

Back Button ADV7612BSWZ Datasheet HTML 2Page - Analog Devices ADV7612BSWZ Datasheet HTML 3Page - Analog Devices ADV7612BSWZ Datasheet HTML 4Page - Analog Devices ADV7612BSWZ Datasheet HTML 5Page - Analog Devices ADV7612BSWZ Datasheet HTML 6Page - Analog Devices ADV7612BSWZ Datasheet HTML 7Page - Analog Devices ADV7612BSWZ Datasheet HTML 8Page - Analog Devices ADV7612BSWZ Datasheet HTML 9Page - Analog Devices ADV7612BSWZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADV7612
Data Sheet
Rev. D | Page 6 of 20
Timing Diagrams
SDA
SCL
t5
t3
t4
t8
t6
t7
t2
t1
t3
Figure 3. I2C Timing
t9
LLC
t11
t12
t10
P0 TO P23, HS,
VS/FIELD/ALSB, DE
Figure 4. Pixel Port and Control SDR Output Timing
SCLK
LRCLK
I2S
LEFT-JUSTIFIED
MODE
MSB
MSB – 1
t15
t16
t17
t19
t20
t18
MSB
MSB – 1
LSB
MSB
t19
t20
t19
t20
NOTES
1. LRCLK IS A SIGNAL ACCESSIBLE VIA AP5 PIN.
2. I2S SIGNALS ARE ACCESSIBLE VIA THE AP1 TO AP4 PINS.
I2S
RIGHT-JUSTIFIED
MODE
I2S
I2S MODE
Figure 5. I2S Timing


Numéro de pièce similaire - ADV7612BSWZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7612BSWZ AD-ADV7612BSWZ Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7612BSWZ-P AD-ADV7612BSWZ-P Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
More results

Description similaire - ADV7612BSWZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7619 AD-ADV7619_15 Datasheet
424Kb / 24P
   Dual Port, Xpressview, 3 GHz HDMI Receiver
ADV7619 AD-ADV7619 Datasheet
562Kb / 24P
   Dual Port, Xpressview
REV. B
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7611 AD-ADV7611 Datasheet
245Kb / 16P
   Low Power 165 MHz HDMI Receiver
Rev. D
ADV7480 AD-ADV7480 Datasheet
315Kb / 19P
   Dual Mode HDMI/MHL Receiver
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com