Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM3074EARZ-REEL7 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADM3074EARZ-REEL7
Description  3.3 V, 15,-15 kV ESD-Protected
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM3074EARZ-REEL7 Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADM3074EARZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM3074EARZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM3074EARZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM3074EARZ-REEL7 Datasheet HTML 10Page - Analog Devices ADM3074EARZ-REEL7 Datasheet HTML 11Page - Analog Devices ADM3074EARZ-REEL7 Datasheet HTML 12Page - Analog Devices ADM3074EARZ-REEL7 Datasheet HTML 13Page - Analog Devices ADM3074EARZ-REEL7 Datasheet HTML 14Page - Analog Devices ADM3074EARZ-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. E | Page 11 of 20
tRZH, tRZH(SHDN)
tRZL, tRZL(SHDN)
(VOL + VCC)/2
tRHZ
1.5V
tRLZ
1.5V
1.5V
0.25V
3V
0V
VCC
VOL
3V
0V
VCC
VOL
3V
0V
VOH
0V
3V
0V
VOH
VOH/2
0V
0.25V
VCC
S3
S1
–1.5V
+1.5V
GENERATOR
1kΩ
50Ω
CL
15pF
+
VID
S2
S1 CLOSED
S2 OPEN
S3 = –1.5V
S1 OPEN
S2 CLOSED
S3 = +1.5V
S1 CLOSED
S2 OPEN
S3 = –1.5V
S1 OPEN
S2 CLOSED
S3 = +1.5V
RE
RO
RE
RO
RE
RO
RE
RO
Figure 14. Receiver Enable and Disable Times


Numéro de pièce similaire - ADM3074EARZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM3074EARZ-REEL7 AD-ADM3074EARZ-REEL7 Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3074EARZ-REEL7 AD-ADM3074EARZ-REEL7 Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
More results

Description similaire - ADM3074EARZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM483EAR AD-ADM483EAR Datasheet
378Kb / 16P
   15,-15 kV ESD Protected, Slew Rate
REV. A
ADM3232E AD-ADM3232E Datasheet
266Kb / 12P
   -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
REV. 0
ADM3232E AD-ADM3232E_V01 Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
   /-15 kV ESD protected 5 V RS-232 transceiver
logo
Analog Devices
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com