Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADR293GRUZ-REEL7 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADR293GRUZ-REEL7
Description  Low Noise, Micropower 5.0 V Precision Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADR293GRUZ-REEL7 Fiches technique(HTML) 3 Page - Analog Devices

  ADR293GRUZ-REEL7 Datasheet HTML 1Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR293GRUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADR293
Rev. D | Page 3 of 12
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VS = 6.0 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
IOUT = 0 mA
E Grade
4.997
5.000
5.003
V
F Grade
4.994
5.000
5.006
V
G Grade
4.990
5.000
5.010
V
INITIAL ACCURACY
IOUT = 0 mA
E Grade
–3
+3
mV
0.06
%
F Grade
–6
+6
mV
0.12
%
G Grade
–10
+10
mV
0.20
%
LINE REGULATION
ΔVOUT /ΔVIN
6.0 V to 15 V, IOUT = 0 mA
E, F Grades
30
100
ppm/V
G Grade
40
150
ppm/V
LOAD REGULATION
ΔVOUT /ΔILOAD
VS = 6.0 V, IOUT = 0 mA to 5 mA
E, F Grades
30
100
ppm/mA
G Grade
40
150
ppm/mA
LONG-TERM STABILITY
ΔVOUT
After 1000 hours of operation @ 125°C
50
ppm
VOLTAGE NOISE
eN p-p
f = 0.1 Hz to 10 Hz
15
μV p-p
VOLTAGE NOISE DENSITY
eN
f = 1 kHz
640
nV/√Hz
VS = 6.0 V, TA = −25°C to +85°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
TEMPERATURE COEFFICIENT
TCVOUT
IOUT = 0 mA
E Grade
3
8
ppm/°C
F Grade
5
15
ppm/°C
G Grade
10
25
ppm/°C
LINE REGULATION
ΔVOUT/ΔVIN
6.0 V to 15 V, IOUT = 0 mA
E, F Grades
35
150
ppm/V
G Grade
50
200
ppm/V
LOAD REGULATION
ΔVOUT/ΔILOAD
VS = 6.0 V, IOUT = 0 mA to 5 mA
E, F Grades
20
150
ppm/mA
G Grade
30
200
ppm/mA


Numéro de pièce similaire - ADR293GRUZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADR293GRU-REEL AD-ADR293GRU-REEL Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
ADR293GRU-REEL7 AD-ADR293GRU-REEL7 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
More results

Description similaire - ADR293GRUZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293 AD-ADR293_15 Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293 AD-ADR293 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500 Datasheet
143Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZREF50 DIODES-ZREF50 Datasheet
78Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040_5.0 DIODES-ZR4040_5.0 Datasheet
98Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF50 ZETEX-ZREF50 Datasheet
67Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com