Moteur de recherche de fiches techniques de composants électroniques |
|
AD9255BCPZRL7-105 Fiches technique(PDF) 1 Page - Analog Devices |
|
AD9255BCPZRL7-105 Fiches technique(HTML) 1 Page - Analog Devices |
1 / 44 page 14-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter Data Sheet AD9255 Rev. C Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2009–2013 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES SNR = 78.3 dBFS at 70 MHz and 125 MSPS SFDR = 93 dBc at 70 MHz and 125 MSPS Low power: 371 mW at 125 MSPS 1.8 V analog supply operation 1.8 V CMOS or LVDS output supply Integer 1-to-8 input clock divider IF sampling frequencies to 300 MHz −153.4 dBm/Hz small signal input noise with 200 Ω input impedance at 70 MHz and 125 MSPS Optional on-chip dither Programmable internal ADC voltage reference Integrated ADC sample-and-hold inputs Flexible analog input range: 1 V p-p to 2 V p-p Differential analog inputs with 650 MHz bandwidth ADC clock duty cycle stabilizer Serial port control User-configurable, built-in self-test (BIST) capability Energy-saving power-down modes APPLICATIONS Communications Multimode digital receivers (3G) GSM, EDGE, W-CDMA, LTE, CDMA2000, WiMAX, and TD-SCDMA Smart antenna systems General-purpose software radios Broadband data applications Ultrasound equipment PRODUCT HIGHLIGHTS 1. On-chip dither option for improved SFDR performance with low power analog input. 2. Proprietary differential input that maintains excellent SNR performance for input frequencies up to 300 MHz. 3. Operation from a single 1.8 V supply and a separate digital output driver supply accommodating 1.8 V CMOS or LVDS outputs. 4. Standard serial port interface (SPI) that supports various product features and functions, such as data formatting (offset binary, twos complement, or gray coding), enabling the clock DCS, power-down, test modes, and voltage reference mode. 5. Pin compatibility with the AD9265, allowing a simple migration up to 16 bits. FUNCTIONAL BLOCK DIAGRAM 14 14 DRVDD (1.8V) D13 TO D0 OEB DCO DITHER CLK+ CLK– SYNC CLOCK MANAGEMENT ADC 14-BIT CORE OUTPUT STAGING CMOS OR LVDS (DDR) VCM VREF VIN+ VIN– TRACK-AND-HOLD REFERENCE RBIAS SENSE PDWN SERIAL PORT SVDD SCLK/ DFS SDIO/ DCS CSB AGND AVDD (1.8V) LVDS LVDS_RS AD9255 OR Figure 1. |
Numéro de pièce similaire - AD9255BCPZRL7-105 |
|
Description similaire - AD9255BCPZRL7-105 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |