Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8651AR-REEL Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD8651AR-REEL
Description  50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8651AR-REEL Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD8651AR-REEL Datasheet HTML 6Page - Analog Devices AD8651AR-REEL Datasheet HTML 7Page - Analog Devices AD8651AR-REEL Datasheet HTML 8Page - Analog Devices AD8651AR-REEL Datasheet HTML 9Page - Analog Devices AD8651AR-REEL Datasheet HTML 10Page - Analog Devices AD8651AR-REEL Datasheet HTML 11Page - Analog Devices AD8651AR-REEL Datasheet HTML 12Page - Analog Devices AD8651AR-REEL Datasheet HTML 13Page - Analog Devices AD8651AR-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8651/AD8652
Rev. C | Page 10 of 20
VS = ±2.5V
VIN = 200mV
AV = 1
TIME (10µs/DIV)
Figure 29. Small Signal Response
0
30
25
20
15
10
5
CAPACITANCE (pF)
020
60
50
40
30
10
+OS
–OS
70
VS = ±2.5V
VIN = 200mV
AV = 1
Figure 30. Small Signal Overshoot vs. Load Capacitance
VS = ±2.5V
VIN = 200mV
GAIN = –15
TIME (200ns/DIV)
–200mV
2.5V
0V
0V
Figure 31. Negative Overload Recovery Time
VS = ±2.5V
VIN = 200mV
GAIN = –15
OUTPUT
INPUT
TIME (200ns/DIV)
0V
0V
200mV
–2.5V
Figure 32. Positive Overload Recovery Time
0
40
30
20
10
FREQUENCY (Hz)
10
1k
100k
10k
100
VS = ±2.5V
GAIN = 100
GAIN = 10
GAIN = 1
Figure 33. Output Impedance vs. Frequency
VOS (µV)
VS = ±1.35V
VCM = 0V
0
10
50
40
30
20
60
Figure 34. Input Offset Voltage Distribution


Numéro de pièce similaire - AD8651AR-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8651AR-REEL AD-AD8651AR-REEL Datasheet
558Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. B
AD8651AR-REEL AD-AD8651AR-REEL Datasheet
484Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Rev. C
AD8651AR-REEL AD-AD8651AR-REEL Datasheet
994Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
AD8651AR-REEL7 AD-AD8651AR-REEL7 Datasheet
558Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. B
AD8651AR-REEL7 AD-AD8651AR-REEL7 Datasheet
484Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Rev. C
More results

Description similaire - AD8651AR-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8651 AD-AD8651 Datasheet
558Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. B
AD8651 AD-AD8651_06 Datasheet
484Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
Rev. C
AD8651ARMZ AD-AD8651ARMZ Datasheet
994Kb / 20P
   50 MHz, Precision, Low Distortion, Low Noise CMOS Amplifiers
REV. C
AD8652 AD-AD8652_15 Datasheet
467Kb / 20P
   50 MHz, Precision, Low Distortion
REV. D
AD8651 AD-AD8651_15 Datasheet
467Kb / 20P
   50 MHz, Precision, Low Distortion
REV. D
logo
Texas Instruments
OPA2325_1905 TI1-OPA2325_1905 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA325 TI1-OPA325 Datasheet
3Mb / 42P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA2325 TI1-OPA2325_19 Datasheet
2Mb / 38P
[Old version datasheet]   Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
LMP7712 TI-LMP7712_15 Datasheet
918Kb / 26P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
logo
National Semiconductor ...
LMP7712 NSC-LMP7712 Datasheet
1Mb / 18P
   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com