Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8622ARZ-REEL7 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD8622ARZ-REEL7
Description  Low Power, Precision Rail-to-Rail Output Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8622ARZ-REEL7 Fiches technique(HTML) 4 Page - Analog Devices

  AD8622ARZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8622ARZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8622ARZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8622ARZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8622ARZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8622ARZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8622ARZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8622ARZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8622ARZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8622/AD8624
Rev. C | Page 4 of 20
ELECTRICAL CHARACTERISTICS—±15 V OPERATION
VSY = ±15 V, VCM = 0 V, TA = 25°C, unless otherwise specified.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
V
OS
10
125
μV
−40°C ≤ T
A ≤ +125°C
230
μV
Offset Voltage Drift
ΔV
OS/ΔT
−40°C ≤ T
A ≤ +125°C
0.5
1.2
μV/°C
Input Bias Current
I
B
45
200
pA
−40°C ≤ T
A ≤ +125°C
500
pA
Input Offset Current
I
OS
35
200
pA
−40°C ≤ T
A ≤ +125°C
500
pA
Input Voltage Range
−13.8
+13.8
V
Common-Mode Rejection Ratio
CMRR
V
CM = −13.8 V to +13.8 V
125
135
dB
−40°C ≤ T
A ≤ +125°C
112
dB
Open-Loop Gain
A
VO
R
L = 10 kΩ, VO = −13.5 V to +13.5 V
125
137
dB
−40°C ≤ T
A ≤ +125°C
120
dB
Input Resistance, Differential Mode
R
INDM
1
GΩ
Input Resistance, Common Mode
R
INCM
1
TΩ
Input Capacitance, Differential Mode
C
INDM
5.5
pF
Input Capacitance, Common Mode
C
INCM
3
pF
OUTPUT CHARACTERISTICS
Output Voltage High
V
OH
R
L = 100 kΩ to ground
14.94
14.97
V
−40°C ≤ T
A ≤ +125°C
14.84
V
R
L = 10 kΩ to ground
14.86
14.89
V
−40°C ≤ T
A ≤ +125°C
14.75
V
Output Voltage Low
V
OL
R
L = 100 kΩ to ground
−14.97
−14.94
V
−40°C ≤ T
A ≤ +125°C
−14.92
V
R
L = 10 kΩ to ground
−14.89
−14.90
V
−40°C ≤ T
A ≤ +125°C
−14.80
V
Short-Circuit Current
I
SC
±40
mA
Closed-Loop Output Impedance
Z
OUT
f = 1 kHz, A
V = 1
1.5
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V
S = ±2.0 V to ±18.0 V
125
145
dB
−40°C ≤ T
A ≤ +125°C
120
dB
Supply Current/Amplifier
I
SY
I
O = 0 mA
215
250
μA
−40°C ≤ T
A ≤ +125°C
350
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
R
L = 10 kΩ, CL = 100 pF, AV = 1
0.48
V/μs
Gain Bandwidth Product
GBP
R
L = 10 kΩ, CL = 20 pF, AV = 1
560
kHz
Phase Margin
Φ
M
R
L = 10 kΩ, CL = 20 pF, AV = 1
75
Degrees
NOISE PERFORMANCE
Voltage Noise
e
n p-p
f = 0.1 Hz to 10 Hz
0.2
μV p-p
Voltage Noise Density
e
n
f = 1 kHz
11
nV/√Hz
Uncorrelated Current Noise Density
i
n_uncorr
f = 1 kHz
0.15
pA/√Hz
Correlated Current Noise Density
i
n_corr
f = 1 kHz
0.06
pA/√Hz


Numéro de pièce similaire - AD8622ARZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8622ARZ-REEL7 AD-AD8622ARZ-REEL7 Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
More results

Description similaire - AD8622ARZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8624 AD-AD8624 Datasheet
165Kb / 4P
   Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com