Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8622ARZ Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD8622ARZ
Description  Low Power, Precision Rail-to-Rail Output Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8622ARZ Fiches technique(HTML) 2 Page - Analog Devices

  AD8622ARZ Datasheet HTML 1Page - Analog Devices AD8622ARZ Datasheet HTML 2Page - Analog Devices AD8622ARZ Datasheet HTML 3Page - Analog Devices AD8622ARZ Datasheet HTML 4Page - Analog Devices AD8622ARZ Datasheet HTML 5Page - Analog Devices AD8622ARZ Datasheet HTML 6Page - Analog Devices AD8622ARZ Datasheet HTML 7Page - Analog Devices AD8622ARZ Datasheet HTML 8Page - Analog Devices AD8622ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8622/AD8624
Rev. C | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Pin Configurations ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—±2.5 V Operation.......................... 3
Electrical Characteristics—±15 V Operation........................... 4
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution...................................................................................5
Typical Performance Characteristics ..............................................6
Applications Information .............................................................. 15
Input Protection ......................................................................... 15
Phase Reversal ............................................................................ 15
Micropower Instrumentation Amplifier................................. 15
Hall Sensor Signal Conditioning.............................................. 16
Simplified Schematic...................................................................... 17
Outline Dimensions....................................................................... 18
Ordering Guide .......................................................................... 19
REVISION HISTORY
6/11—Rev. B to Rev. C
Changes to Figure 13........................................................................ 7
2/10—Rev. A to Rev. B
Changed 16-Lead to 14-Lead in Figure 62 Caption................... 19
1/10—Rev. 0 to Rev. A
Added 14-Lead TSSOP ......................................................Universal
Added 16-Lead LFCSP.......................................................Universal
Added Figure 3 and Figure 4; Renumbered Sequentially ........... 1
Changes to Table 5............................................................................ 5
Changes to Figure 10 to Figure 16.................................................. 6
Changes to Figure 26........................................................................ 9
Changes to Figure 29...................................................................... 10
Updated Outline Dimensions....................................................... 18
Changes to Ordering Guide .......................................................... 19
7/09—Revision 0: Initial Version


Numéro de pièce similaire - AD8622ARZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8622ARZ AD-AD8622ARZ Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
AD8622ARZ-REEL AD-AD8622ARZ-REEL Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
AD8622ARZ-REEL7 AD-AD8622ARZ-REEL7 Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
More results

Description similaire - AD8622ARZ

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8624 AD-AD8624 Datasheet
165Kb / 4P
   Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT6010 LINER-LT6010_15 Datasheet
302Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
LT6010 LINER-LT6010 Datasheet
602Kb / 16P
   Rail-to-Rail Output Precision Op Amp with Shutdown
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com