Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8510BR Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD8510BR
Description  Precision, Very Low Noise, Low Input Bias Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8510BR Fiches technique(HTML) 1 Page - Analog Devices

  AD8510BR Datasheet HTML 1Page - Analog Devices AD8510BR Datasheet HTML 2Page - Analog Devices AD8510BR Datasheet HTML 3Page - Analog Devices AD8510BR Datasheet HTML 4Page - Analog Devices AD8510BR Datasheet HTML 5Page - Analog Devices AD8510BR Datasheet HTML 6Page - Analog Devices AD8510BR Datasheet HTML 7Page - Analog Devices AD8510BR Datasheet HTML 8Page - Analog Devices AD8510BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Precision, Very Low Noise, Low Input Bias Current,
Wide Bandwidth JFET Operational Amplifiers
AD8510/AD8512/AD8513
Rev. I
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Fast settling time: 500 ns to 0.1%
Low offset voltage: 400 μV maximum
Low TCVOS: 1 μV/°C typical
Low input bias current: 25 pA typical at VS = ±15 V
Dual-supply operation: ±5 V to ±15 V
Low noise: 8 nV/√Hz typical at f = 1 kHz
Low distortion: 0.0005%
No phase reversal
Unity gain stable
APPLICATIONS
Instrumentation
Multipole filters
Precision current measurement
Photodiode amplifiers
Sensors
Audio
PIN CONFIGURATIONS
AD8510
TOP VIEW
(Not to Scale)
NULL
–IN
+IN
V–
NC
V+
OUT
NULL
NC = NO CONNECT
1
2
3
45
6
7
8
AD8510
TOP VIEW
(Not to Scale)
NULL
–IN
+IN
V–
NC
V+
OUT
NULL
NC = NO CONNECT
1
2
3
45
6
7
8
Figure 1. 8-Lead MSOP (RM Suffix)
Figure 2. 8-Lead SOIC_N (R Suffix)
AD8512
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
TOP VIEW
(Not to Scale)
1
2
3
45
6
7
8
AD8512
TOP VIEW
(Not to Scale)
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
1
2
3
45
6
7
8
Figure 3. 8-Lead MSOP (RM Suffix)
Figure 4. 8-Lead SOIC_N (R Suffix)
AD8513
TOP VIEW
(Not to Scale)
OUT A 1
–IN A 2
+IN A 3
V+ 4
+IN B 5
OUT D
–IN D
+IN D
V–
+IN C
14
13
12
11
10
–IN B 6
OUT B 7
–IN C
OUT C
9
8
AD8513
TOP VIEW
(Not to Scale)
OUT A
–IN A
+IN A
V+
+IN B
OUT D
–IN D
+IN D
V–
+IN C
–IN B
OUT B
–IN C
OUT C
1
2
3
4
5
14
13
12
11
10
6
7
9
8
Figure 5. 14-Lead SOIC_N (R Suffix)
Figure 6. 14-Lead TSSOP (RU Suffix)
GENERAL DESCRIPTION
The AD8510/AD8512/AD8513 are single-, dual-, and quad-
precision JFET amplifiers that feature low offset voltage, input
bias current, input voltage noise, and input current noise.
The combination of low offsets, low noise, and very low input
bias currents makes these amplifiers especially suitable for high
impedance sensor amplification and precise current measurements
using shunts. The combination of dc precision, low noise, and
fast settling time results in superior accuracy in medical
instruments, electronic measurement, and automated test
equipment. Unlike many competitive amplifiers, the AD8510/
AD8512/AD8513 maintain their fast settling performance even
with substantial capacitive loads. Unlike many older JFET
amplifiers, the AD8510/AD8512/AD8513 do not suffer from
output phase reversal when input voltages exceed the maximum
common-mode voltage range.
Fast slew rate and great stability with capacitive loads make the
AD8510/AD8512/AD8513 a perfect fit for high performance
filters. Low input bias currents, low offset, and low noise result
in a wide dynamic range of photodiode amplifier circuits. Low
noise and distortion, high output current, and excellent speed
make the AD8510/AD8512/AD8513 great choices for audio
applications.
The AD8510/AD8512 are both available in 8-lead narrow SOIC_N
and 8-lead MSOP packages. MSOP-packaged parts are only
available in tape and reel. The AD8513 is available in 14-lead
SOIC_N and TSSOP packages.
The AD8510/AD8512/AD8513 are specified over the −40°C to
+125°C extended industrial temperature range.


Numéro de pièce similaire - AD8510BR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8510BR AD-AD8510BR Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
AD8510BR AD-AD8510BR Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8510BR-REEL AD-AD8510BR-REEL Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
AD8510BR-REEL AD-AD8510BR-REEL Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8510BR-REEL7 AD-AD8510BR-REEL7 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
More results

Description similaire - AD8510BR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512 AD-AD8512_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8513 AD-AD8513_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8510 AD-AD8510 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8610 AD-AD8610 Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com