Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8361ARM Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD8361ARM
Description  LF to 2.5 GHz TruPwr Detector
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8361ARM Fiches technique(HTML) 5 Page - Analog Devices

  AD8361ARM Datasheet HTML 1Page - Analog Devices AD8361ARM Datasheet HTML 2Page - Analog Devices AD8361ARM Datasheet HTML 3Page - Analog Devices AD8361ARM Datasheet HTML 4Page - Analog Devices AD8361ARM Datasheet HTML 5Page - Analog Devices AD8361ARM Datasheet HTML 6Page - Analog Devices AD8361ARM Datasheet HTML 7Page - Analog Devices AD8361ARM Datasheet HTML 8Page - Analog Devices AD8361ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8361
Rev. C | Page 5 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VPOS
1
IREF
2
RFIN
3
PWDN
4
SREF
8
VRMS
7
FLTR
6
COMM
5
AD8361
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead MSOP
VRMS
1
COMM
2
FLTR
3
VPOS
6
RFIN
5
PWDN
4
AD8361
TOP VIEW
(Not to Scale)
Figure 5. 6-Lead SOT-23
Table 3. Pin Function Descriptions
Pin No.
MSOP
Pin No.
SOT-23
Mnemonic
Description
1
6
VPOS
Supply Voltage Pin. Operational range 2.7 V to 5.5 V.
2
N/A
IREF
Output Reference Control Pin. Internal reference mode enabled when pin is left open; otherwise, this
pin should be tied to VPOS. Do not ground this pin.
3
5
RFIN
Signal Input Pin. Must be driven from an ac-coupled source. The low frequency real input impedance
is 225 Ω.
4
4
PWDN
Power-Down Pin. For the device to operate as a detector, it needs a logical low input (less than
100 mV). When a logic high (greater than VS − 0.5 V) is applied, the device is turned off and the supply
current goes to nearly zero (ground and internal reference mode less than 1 µA, supply reference
mode VS divided by 100 kΩ).
5
2
COMM
Device Ground Pin.
6
3
FLTR
By placing a capacitor between this pin and VPOS, the corner frequency of the modulation filter is
lowered. The on-chip filter is formed with 27 pF||2 kΩ for small input signals.
7
1
VRMS
Output Pin. Near rail-to-rail voltage output with limited current drive capabilities. Expected load
>10 kΩ to ground.
8
N/A
SREF
Supply Reference Control Pin. To enable supply reference mode, this pin must be connected to VPOS;
otherwise, it should be connected to COMM (ground).


Numéro de pièce similaire - AD8361ARM

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8361ARM AD-AD8361ARM Datasheet
306Kb / 16P
   LF to 2.5 GHz TruPwr??Detector
REV. A
AD8361ARM AD-AD8361ARM Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr??Detector
REV. C
AD8361ARM AD-AD8361ARM Datasheet
502Kb / 22P
   LF to 2.5 GHz TruPwr Detector
AD8361ARM-REEL AD-AD8361ARM-REEL Datasheet
306Kb / 16P
   LF to 2.5 GHz TruPwr??Detector
REV. A
AD8361ARM-REEL AD-AD8361ARM-REEL Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr??Detector
REV. C
More results

Description similaire - AD8361ARM

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8361 AD-AD8361_1 Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr??Detector
REV. C
AD8361 AD-AD8361_15 Datasheet
502Kb / 22P
   LF to 2.5 GHz TruPwr Detector
AD8361 AD-AD8361 Datasheet
306Kb / 16P
   LF to 2.5 GHz TruPwr??Detector
REV. A
AD8364 AD-AD8364 Datasheet
2Mb / 48P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. 0
AD8364 AD-AD8364_16 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8364 AD-AD8364_15 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. B
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com