Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8182AR-REEL7 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD8182AR-REEL7
Description  750 MHz, 3.8 mA 10 ns Switching Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8182AR-REEL7 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD8182AR-REEL7 Datasheet HTML 4Page - Analog Devices AD8182AR-REEL7 Datasheet HTML 5Page - Analog Devices AD8182AR-REEL7 Datasheet HTML 6Page - Analog Devices AD8182AR-REEL7 Datasheet HTML 7Page - Analog Devices AD8182AR-REEL7 Datasheet HTML 8Page - Analog Devices AD8182AR-REEL7 Datasheet HTML 9Page - Analog Devices AD8182AR-REEL7 Datasheet HTML 10Page - Analog Devices AD8182AR-REEL7 Datasheet HTML 11Page - Analog Devices AD8182AR-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD8180/AD8182
–11–
REV. B
C1
ANALOG
DEVICES
AD8180/82
EVALUATION
BOARD
J1
IN0A
J10
SEL A
J2
IN1A
J3
IN1B
IN0B
J4
J9
J8
EN A
R10
R1
U1
R2
R3
SEL B
J5
J6
EN B
A
B
C2
R5
R9
R8
R4
Figure 28. Component Side Silkscreen
Figure 29. Board Layout (Component Side)
C3
C4
R6
Figure 30. Solder Side Silkscreen
Figure 31. Board Layout (Solder Side)
NOTES
1. AD8180R/AD8182R Evaluation Board inputs are configured
with 50
Ω impedance striplines. This FR4 board type has the
following stripline dimensions: 60-mil width, 12-mil gap
between center conductor and outside ground plane “is-
lands,” and 62-mil board thickness.
2. Several types of SMA connectors can be mounted on this
board: the side-mount type, which can be easily installed at
the edges of the board, and the top-mount type, which is
placed on top. When using the top-mount SMA connector, it
is recommended that the stripline on the outside 1/8" of the
board edge be removed with an X-Acto blade as this unused
stripline acts as an open stub, which could degrade the small-
signal frequency response of the mux.
3. Input termination resistor placement on the evaluation board
is critical to reducing crosstalk. Each termination resistor is
oriented so that ground return currents flow counterclock-
wise to a ground plane “island.” Although the direction of
this ground current flow is arbitrary, it is important that no
two input or output termination resistors share a connection
to the same ground “island.”


Numéro de pièce similaire - AD8182AR-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8182AR-REEL7 AD-AD8182AR-REEL7 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AR-REEL7 AD-AD8182AR-REEL7 Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
More results

Description similaire - AD8182AR-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8180 AD-AD8180 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180ARZ AD-AD8180ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180 AD-AD8180_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8182 AD-AD8182_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8170 AD-AD8170 Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8174ARZ AD-AD8174ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170ARZ AD-AD8170ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
logo
TAI-SAW TECHNOLOGY CO.,...
TC0648B TAI-SAW-TC0648B Datasheet
394Kb / 6P
   750 MHz SMD 3.8 x 3.8 mm SAW Resonator
logo
Analog Devices
ADP3088 AD-ADP3088 Datasheet
623Kb / 11P
   1 MHz, 750 mA Buck Regulator
REV. PrK 3/28/02
ADP3088 AD-ADP3088_15 Datasheet
1Mb / 16P
   1 MHz, 750 mA Buck Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com