Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7920AKSZ-REEL7 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD7920AKSZ-REEL7
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7920AKSZ-REEL7 Fiches technique(HTML) 5 Page - Analog Devices

  AD7920AKSZ-REEL7 Datasheet HTML 1Page - Analog Devices AD7920AKSZ-REEL7 Datasheet HTML 2Page - Analog Devices AD7920AKSZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7920AKSZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7920AKSZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7920AKSZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7920AKSZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7920AKSZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7920AKSZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD7910/AD7920
Rev. C | Page 5 of 24
Parameter1
A Grade ,
1 2
B Grade1, 2
Unit
Test Conditions/Comments
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
V min
1.8
1.8
V min
VDD = 2.35 V
Input Low Voltage, VINL
0.8
0.8
V max
VDD = 3.6 V to 5.25 V
0.4
0.4
V max
VDD = 2.35 V to 3.6 V
Input Current, IIN, SCLK Pin
±0.5
±0.5
μA max
Typically 10 nA, VIN = 0 V or VDD
Input Current, IIN, CS Pin
±10
±10
nA typ
Input Capacitance, CIN6
5
5
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDD − 0.2
VDD − 0.2
V min
ISOURCE = 200 μA, VDD = 2.35 V to 5.25 V
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 200 μA
Floating-State Leakage Current
±1
±1
μA max
Floating-State Output Capacitance6
5
5
pF max
Output Coding
Straight (natural) binary
CONVERSION RATE
Conversion Time
3.2
3.2
μs max
16 SCLK cycles with SCLK at 5 MHz
Track-and-Hold Acquisition Time3
250
250
ns max
Throughput Rate
250
250
kSPS max
See the Serial Interface section
POWER REQUIREMENTS
VDD
2.35/5.25
2.35/5.25
V min/max
IDD
Digital I/Ps = 0 V or VDD
Normal Mode (Static)
2.5
2.5
mA typ
VDD = 4.75 V to 5.25 V, SCLK on or off
1.2
1.2
mA typ
VDD = 2.35 V to 3.6 V, SCLK on or off
Normal Mode (Operational)
3
3
mA max
VDD = 4.75 V to 5.25 V, fSAMPLE = 250 kSPS
1.4
1.4
mA max
VDD = 2.35 V to 3.6 V, fSAMPLE = 250 kSPS
Full Power-Down Mode
1
1
μA max
Typically 50 nA
Power Dissipation7
Normal Mode (Operational)
15
15
mW max
VDD = 5 V, fSAMPLE = 250 kSPS
4.2
4.2
mW max
VDD = 3 V, fSAMPLE = 250 kSPS
Full Power-Down
5
5
μW max
VDD = 5 V
3
3
μW max
VDD = 3 V
1 Temperature range from −40°C to +85°C.
2 Operational from VDD = 2.0 V, with input low voltage (VINL) 0.35 V max.
3 See the Terminology section.
4 B Grade, maximum specifications apply as typical figures when VDD = 4.75 V to 5.25 V.
5 SC70 values guaranteed by characterization.
6 Guaranteed by characterization.
7 See the Power vs. Throughput Rate section.


Numéro de pièce similaire - AD7920AKSZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7920AKS-500RL7 AD-AD7920AKS-500RL7 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7920AKS-REEL AD-AD7920AKS-REEL Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7920AKS-REEL7 AD-AD7920AKS-REEL7 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
More results

Description similaire - AD7920AKSZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910 AD-AD7910 Datasheet
1Mb / 20P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. B
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7476A AD-AD7476A Datasheet
580Kb / 24P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
REV. C
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
   2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
   2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276 Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com