Moteur de recherche de fiches techniques de composants électroniques |
|
AD5339BRM Fiches technique(PDF) 8 Page - Analog Devices |
|
AD5339BRM Fiches technique(HTML) 8 Page - Analog Devices |
8 / 28 page AD5337/AD5338/AD5339 Rev. C | Page 8 of 28 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS VDD 1 VOUTA 2 VOUTB 3 REFIN 4 A0 8 SCL 7 SDA 6 GND 5 TOP VIEW (Not to Scale) AD5337/ AD5338/ AD5339 Figure 3. Pin Configuration Table 5. Pin Function Descriptions Pin No. Mnemonic Description 1 VDD Power Supply Input. These parts can be operated from 2.5 V to 5.5 V, and the supply should be decoupled to GND. 2 VOUTA Buffered Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation. 3 VOUTB Buffered Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation. 4 REFIN Reference Input Pin for the Two DACs. It has an input range from 0.25 V to VDD. 5 GND Ground Reference Point for All Circuitry on the Parts. 6 SDA Serial Data Line. This is used in conjunction with the SCL line to clock data into or out of the 16-bit input shift register. SDA is a bidirectional open-drain data line that should be pulled to the supply with an external pull-up resistor. 7 SCL Serial Clock Line. This is used in conjunction with the SDA line to clock data into or out of the 16-bit input shift register. Clock rates of up to 400 kbps can be accommodated in the 2-wire interface. 8 A0 Address Input. Sets the least significant bit of the 7-bit slave address. |
Numéro de pièce similaire - AD5339BRM |
|
Description similaire - AD5339BRM |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |