Moteur de recherche de fiches techniques de composants électroniques |
|
5-103975-7 Fiches technique(PDF) 2 Page - Tyco Electronics |
|
5-103975-7 Fiches technique(HTML) 2 Page - Tyco Electronics |
2 / 32 page 89 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Board-to-Board Solutions Guide, .100 [2.54] Centerline Products AMPMODU Interconnection System 5 Customer Requirement Tyco Electronics' Potential Solution Catalog Page(s) Mod IV Polarized Housing 220 Application Requires MTE Latched Receptacle and Header 230, 231, 244-250 Guidance, Polarization MT with Polarizing Covers 256-258 Short Point Polarized Housing 224 Wire-to-Wire Application Mod IV Receptacle Contacts and Pins 211-213 Wire-to-Wire Application (Latched) MTE Latched Receptacle and Shrouded Pin Assembly 230, 231, 236, 237 Wire-to-Wire Application (Through Panel) MTE Panel Mount 242 High Vibration and Shock Applications Locking Clip Contacts and Housings 207-209 Printed Circuit Board Polarization MTE Header with PC Board Orientation Peg 248, 249 Board Requires Surface Mount Capability MTE Surface Mount Headers 251, 252 MTE High Temperature Compatible Headers 249, 250 Need to mate to Mod IV Ejection Housing 220 AMP-LATCH Eject Headers Need to Minimize Strain to Cable MT with Eject Covers 256-259 Mod IV Housing with Strain Relief 218, 219 Application Requires Locking Clip Contacts 207, 298 Self-Retaining Contacts Header Secured to Board MTE Headers with Post Retention or Holddowns 244-250 During/Prior to Soldering Mate to Unshrouded Header Mod IV plain Housing with Mod V Contacts 213, 214, 216 with Retention Requirements MTE with High Pressure Contacts 234, 235 Multiple Cables to be MTE Coupling Shroud, Double- or Single-Row 240, 241 Common to One Header Right-Angle Cable Dress MT with Hermaphroditic Covers 229, 256, 257, 259 Application Requires Crimp Short Point Contacts 222 Contacts and MTE Housings Housings and End-to-End and Short Point Double-Row Housing, 223, 228, 229 Side-to-Side Stackable MTE Plain Housing Connector Must Mate to Short Point Contacts 222 Post Lengths of .169 [4.29] Min. Wire-to-Board Solutions Guide, .100 [2.54] Centerline Products Single-Row Single-Row Double-Row Double-Row Problem or Concern Tyco Electronics' Vertical Headers Right-Angle Headers, Vertical Headers Right-Angle Headers, Potential Solution and Receptacles Horizontal Receptacles and Receptacles Horizontal Receptacles (Page Ref.) (Page Ref.) (Page Ref.) (Page Ref.) Headers Float Off Board HEADERS Retention Feature: Soldering Operation Unshrouded 102 103 198 199 Shrouded — — 104, 199 105, 200 Header Contacts Damaged Shrouded HEADERS: During Manufacturing Standard Profile 115 116 117-121 122-128 Operation or In-Field Use Press-Fit ACTION PIN POST HEADERS: Unshrouded 146 — 147 — Shrouded — — 148, 149, 199 — Machine Applied 163, 164 Posts Board/Backplane Requires Surface-Mount Compatible Thru-Hole: High Temperature Surface- HEADERS: Mount Compatibility Unshrouded 102* 103* 104* 105* Shrouded — — 130*, 137* 138* (Low Profile) RECEPTACLES — — 196* 195* Surface-Mount: HEADERS 109* — 110 — RECEPTACLES 187, 188 172 189-192 173 Application Requires Board Two-Piece Family: w/Guide Posts: Guidance, Polarization and/or HEADERS — — 198, 199 200 Blind-Mate Capability RECEPTACLES — — 196* 195* Mod IV Low Profile RECEPTACLES: Reduction in Parallel TOP ENTRY: Board-to-Board Stack Height Thru-Hole 178 — 179, 180* — Necessary (Refer to Parallel Surface-Mount — — — — Stack Guide on Page 62.) BOTTOM ENTRY: Thru-Hole 177 — — — Surface-Mount — — — — DUAL ENTRY Thru-Hole 181 — 182-184 — Surface Mount 187, 188 — 189-192 — Soldering Problems with RECEPTACLES: Thru-Hole Bottom Entry Bottom Entry Receptacles (Must Mask Outrigger 181 — 182 — Post Holes in Board During (Separate Holes for Soldering Operation) Receptacle Leads and Mating Leads) End-to-End Stackable: HEADERS (Unshrouded): Application Requires Thru-Hole 93, 102 94, 95, 103* 96, 97, 104* 98. 99. 105 Connectors to be End-to-End Thru-Hole* 102* 103* 104* 108* Stackable on .100 [2.54] Grid Surface-Mount 109* — 110* — RECEPTACLES: Thru-Hole 175, 177, 178, 181 169* 176, 179, 180*, 182*, 183, 184 170 Surface Mount 188 172 191, 192 173 *High temperature compatible version, refer to page ref. listed. |
Numéro de pièce similaire - 5-103975-7 |
|
Description similaire - 5-103975-7 |