Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2991S-NOPB Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce LM2991S-NOPB
Description  LM2991 Negative Low Dropout Adjustable Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2991S-NOPB Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LM2991S-NOPB Datasheet HTML 4Page - Texas Instruments LM2991S-NOPB Datasheet HTML 5Page - Texas Instruments LM2991S-NOPB Datasheet HTML 6Page - Texas Instruments LM2991S-NOPB Datasheet HTML 7Page - Texas Instruments LM2991S-NOPB Datasheet HTML 8Page - Texas Instruments LM2991S-NOPB Datasheet HTML 9Page - Texas Instruments LM2991S-NOPB Datasheet HTML 10Page - Texas Instruments LM2991S-NOPB Datasheet HTML 11Page - Texas Instruments LM2991S-NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LM2991
SNVS099H – MAY 1999 – REVISED JUNE 2013
www.ti.com
Minimum Load
A minimum load current of 500
μA is required for proper operation. The external resistor divider can provide the
minimum load, with the resistor from the adjust pin to ground set to 2.4 k
Ω.
Setting the Output Voltage
The output voltage of the LM2991 is set externally by a resistor divider using the following equation:
VOUT = VREF x (1 + R2/R1) − (IADJ x R2)
where
VREF = −1.21V
(1)
The output voltage can be programmed within the range of
−3V to −24V, typically an even greater range of −2V
to
−25V. The adjust pin current is about 60 nA, causing a slight error in the output voltage. However, using
resistors lower than 100 k
Ω makes the error due to the adjust pin current negligible. For example, neglecting the
adjust pin current, and setting R2 to 100 k
Ω and VOUT to −5V, results in an output voltage error of only 0.16%.
ON/OFF Pin
The LM2991 regulator can be turned off by applying a TTL or CMOS level high signal to the ON/OFF pin. The
impedance of the voltage source driving the ON/OFF pin should be low enough to source the ON/OFF pin input
current to meet the OFF threshold voltage level, 100 µA maximum at 2.4V.
If the ON/OFF function is not needed, the pin should be connected to Ground. The ON/OFF pin should not be
left floating, as this is not an ensured operating condition.
See the Adjustable Current Sink Application, Figure 21.
Forcing the Output Positive
Due to an internal clamp circuit, the LM2991 can withstand positive voltages on its output. If the voltage source
pulling the output positive is DC, the current must be limited to 1.5A. A current over 1.5A fed back into the
LM2991 could damage the device. The LM2991 output can also withstand fast positive voltage transients up to
26V, without any current limiting of the source. However, if the transients have a duration of over 1 ms, the
output should be clamped with a Schottky diode to ground.
Thermal Shutdown
The LM2991 has an internally set thermal shutdown point of typically 160°C, with approximately 10°C of
hysteresis. This thermal shutdown temperature point is outside the specified Operating Rating range, above the
Absolute Maximum Ratings, and is intended as a safety feature for momentary fault conditions only. Continuous
operation near the thermal shutdown temperature should be avoided as it may have a negative affect on the life
of the device.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2991


Numéro de pièce similaire - LM2991S-NOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2991S NSC-LM2991S Datasheet
338Kb / 11P
   Negative Low Dropout Adjustable Regulator
LM2991S NSC-LM2991S Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991S TI-LM2991S Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991S TI1-LM2991S Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
LM2991S/NOPB TI1-LM2991S/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
More results

Description similaire - LM2991S-NOPB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2991S TI-LM2991S Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991 TI-LM2991_15 Datasheet
1Mb / 19P
[Old version datasheet]   LM2991 Negative Low Dropout Adjustable Regulator
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
LM2991 NSC-LM2991 Datasheet
338Kb / 11P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991GW-QML TI-LM2991GW-QML Datasheet
391Kb / 15P
[Old version datasheet]   LM2991QML Negative Low Dropout Adjustable Regulator
logo
Intersil Corporation
ISL72991RH INTERSIL-ISL72991RH Datasheet
210Kb / 3P
   Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator
logo
Renesas Technology Corp
ISL72991RH RENESAS-ISL72991RH Datasheet
562Kb / 15P
   Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Jun 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com