Moteur de recherche de fiches techniques de composants électroniques |
|
HCPL-2212-300 Fiches technique(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-2212-300 Fiches technique(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED |
9 / 18 page 9 IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics (HCNW22XX ONLY) Description Symbol Characteristic Units Installation classification per DIN VDE 0110/1.89, Table 1 for rated mains voltage ≤600 V rms I-IV for rated mains voltage ≤1000 V rms I-III Climatic Classification 55/100/21 Pollution Degree (DIN VDE 0110/1.89) 2 Maximum Working Insulation Voltage V IORM 1414 V peak Input to Output Test Voltage, Method b* V IORM x 1.875 = VPR, 100% Production Test with tm = 1 sec, V PR 2652 V peak Partial Discharge < 5 pC Input to Output Test Voltage, Method a* V IORM x 1.5 = VPR, Type and sample test, V PR 2121 V peak t m = 60 sec, Partial Discharge < 5 pC Highest Allowable Overvoltage* (Transient Overvoltage, t ini = 10 sec) V IOTM 8000 V peak Safety Limiting Values (Maximum values allowed in the event of a failure, also see Figure 12, Thermal Derating curve.) Case Temperature T S 150 °C Current (Input Current I F, PS = 0) I S,INPUT 400 mA Output Power P S,OUTPUT 700 mW Insulation Resistance at T S, VIO = 500 V R S ≥109 Ω *Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section IEC/EN/DIN EN 60747-5-2, for a detailed description. Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in applica- tion. |
Numéro de pièce similaire - HCPL-2212-300 |
|
Description similaire - HCPL-2212-300 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |