Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-5121 Fiches technique(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-5121
Description  2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5121 Fiches technique(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-5121 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-5121 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-5121 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-5121 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5121 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5121 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5121 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5121 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5121 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
T
S
-65
+150
°C
Operating Temperature
T
A
-55
+125
°C
Case Temperature
T
C
+145
°C
Junction Temperature
T
J
+150
°C
Lead Solder Temperature
260 for 10s
°C
Average Input Current
I
F AVG
25
mA
1
Peak Transient Input Current
(<1
s pulse width, 300 pps)
I
F PK
1.0
A
Reverse Input Voltage
V
R
5V
“High” Peak Output Current
I
OH (PEAK)
2.5
A
2
“Low” Peak Output Current
I
OL (PEAK)
2.5
A
2
Supply Voltage
(V
CC
-V
EE
)
0
35
V
Output Voltage
V
O (PEAK)
0VCC
V
Emitter Power Dissipation
P
E
45
mW
1
Output Power Dissipation
P
O
250
mW
3
Total Power Dissipation
P
T
295
mW
4
Notes:
1. No derating required for typical case-to-ambient thermal resistance (
CA
=140
C/W). Refer to Figure 35.
2. Maximum pulse width = 10
s, maximum duty cycle = 0.2%. This value is intended to allow for component tolerances for designs with I
O
peak
minimum = 2.0A. See Applications section for additional details on limiting I
OH
peak.
3. Derate linearly above 102
C free air temperature at a rate of 6mW/C for typical case-to-ambient thermal resistance (
CA
=140
C/W). Refer to
Figure 36.
4. Derate linearly above 102
C free air temperature at a rate of 6mW/C for typical case-to-ambient thermal resistance (
CA
=140
C/W). Refer to
Figure 35 and 36.
ESD Classification
MIL-STD-883, Method 3015
( ), Class 1
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
(V
CC
– V
EE
)
15
30
Volts
Input Current (ON)
I
F (ON)
10
18
mA
Input Voltage (OFF)
V
F (OFF)
-3.0
0.8
Volts
Operating Temperature
T
A
-55
125
°C


Numéro de pièce similaire - HCPL-5121

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-5121 HP-HCPL-5121 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5121 BOARDCOM-HCPL-5121 Datasheet
1Mb / 19P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5121-100 HP-HCPL-5121-100 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5121-200 HP-HCPL-5121-200 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5121-300 HP-HCPL-5121-300 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
More results

Description similaire - HCPL-5121

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HCPL-5120 BOARDCOM-HCPL-5120 Datasheet
1Mb / 19P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120 HP-HCPL-3120 Datasheet
253Kb / 15P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com