Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-9031 Fiches technique(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-9031
Description  High Speed Digital Isolators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-9031 Fiches technique(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-9031 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-9031 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Selection Guide
Device Number
Channel Configuration
Package
HCPL-9000
Single
8-pin DIP (300 Mil)
HCPL-0900
Single
8-pin Small Outline
HCPL-9030
Dual
8-pin DIP (300 Mil)
HCPL-0930
Dual
8-pin Small Outline
HCPL-9031
Dual, Bi-Directional
8-pin DIP (300 Mil)
HCPL-0931
Dual, Bi-Directional
8-pin Small Outline
HCPL-900J
Quad
16-pin Small Outline, Wide Body
HCPL-090J
Quad
16-pin Small Outline, Narrow Body
HCPL-901J
Quad, 2/2, Bi-Directional
16-pin Small Outline, Wide Body
HCPL-091J
Quad, 2/2, Bi-Directional
16-pin Small Outline, Narrow Body
HCPL-902J
Quad, 1/3, Bi-Directional
16-pin Small Outline, Wide Body
HCPL-092J
Quad, 1/3, Bi-Directional
16-pin Small Outline, Narrow Body
Ordering Information
HCPL-09xx and HCPL-90xx are UL Recognized with 2500 V
rms for 1 minute per UL1577.
Option
RoHS
Non RoHS
Surface
Gull
Tape &
Part number
Compliant
Compliant
Package
Mount
Wing
Reel
Quantity
-000E
No option
50 per tube
-300E
-300
X
X
50 per tube
-500E
-500
X
X
X
1000 per reel
-000E
No option
X
100 per tube
-500E
-500
X
X
1500 per reel
-000E
No option
X
50 per tube
-500E
-500
X
X
1000 per reel
-000E
No option
X
50 per tube
-500E
-500
X
X
1000 per reel
HCPL-9000
HCPL-9030
HCPL-9031
300mil
DIP-8
SO-8
Wide Body
SO-16
Narrow Body
SO-16
HCPL-0900
HCPL-0930
HCPL-0931
HCPL-900J
HCPL-901J
HCPL-902J
HCPL-090J
HCPL-091J
HCPL-092J
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
HCPL-9031-500E to order product of 300mil DIP Gull Wing Surface Mount package in Tape and Reel in RoHS
compliant.
Example 2:
HCPL-0900 to order product of SO-8 package in tube packaging and non RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.


Numéro de pièce similaire - HCPL-9031

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-9031 HP-HCPL-9031 Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-9031 AVAGO-HCPL-9031 Datasheet
357Kb / 14P
   High Speed Digital Isolators 15 ns max. propagation delay
HCPL-9031-000E AVAGO-HCPL-9031-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-9031-300 AVAGO-HCPL-9031-300 Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-9031-300E AVAGO-HCPL-9031-300E Datasheet
319Kb / 14P
   High Speed Digital Isolators
More results

Description similaire - HCPL-9031

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL9000 HP-HCPL9000 Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
   High Speed Digital Isolators
HCPL-0930-000E AVAGO-HCPL-0930-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
logo
Texas Instruments
ISO7231C-Q1 TI1-ISO7231C-Q1 Datasheet
804Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C_09 Datasheet
691Kb / 25P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7230C-Q1 TI-ISO7230C-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C Datasheet
744Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com